Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX3A-869-64 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # TX3A-869-64
Description  UHF FM Data Transmitter and Receiver Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX3A-869-64 Datasheet(HTML) 4 Page - Radiometrix Ltd

  TX3A-869-64 Datasheet HTML 1Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 2Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 3Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 4Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 5Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 6Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 7Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 8Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Radiometrix Ltd, TX3A & RX3A Data Sheet
page 4
Absolute maximum ratings
Exceeding the values given below may cause permanent damage to the module.
Operating temperature
-20
°C to +70°C
Storage temperature
-40
°C to +100°C
TX3A
Vcc (pin 5)
-0.3V to +16V
TXD (pin 7)
±7V
En (pin 4)
-0.3V to +Vcc V
RF OUT (pin 2)
±50V DC, +10dBm RF
RX3A
Vcc, RXD (pins 7,9)
-0.3V to +16V
En (pins 4)
-0.3V to +Vcc V
RSSI, AF (pins 5, 8)
-0.3V to +3V
RF IN (pin 1)
±50V DC, +10dBm RF
Performance specifications:
TX3A transmitter
(Vcc = 3.0V / temperature = 20
°°°°C unless stated)
pin
min.
typ.
max.
units
notes
DC supply
Supply voltage
5
2.2
3.0
16
V
1,6
Supply current
5
7.5
9.5
mA
2
RF
RF power output @ Vcc = 2.2V
2
-1
dBm
2
RF power output @ Vcc
≥ 2.8V
2
0
dBm
2
Harmonics / spurious emissions
2
-55
-45
dBc
3
Initial frequency accuracy
-25
0
+25
kHz
FM deviation (peak)
±30
kHz
4
Baseband
Modulation bandwidth @ -3dB
0
35
kHz
Modulation distortion (THD)
5
10
%
6
TXD input level (logic low)
7
-0.2
0
+0.2
V
5,6
TXD input level (logic high)
7
+2.3
+2.5
+3
V
5,6
Dynamic timing
Power-up time (En
→ full RF)
1.0
1.5
ms
Notes:
1. RF output is automatically disabled below 2.2V supply voltage.
2. RF output terminated with 50
Ω resistive load.
3. Meets or exceeds EN/FCC requirements at all frequencies.
4. With 0V – 2.5V modulation input.
5. To achieve specified FM deviation.
6. See applications information for further details.


Similar Part No. - TX3A-869-64

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX3-801B QUARTZCOM-TX3-801B Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BL QUARTZCOM-TX3-801BL Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BM QUARTZCOM-TX3-801BM Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BS QUARTZCOM-TX3-801BS Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801H QUARTZCOM-TX3-801H Datasheet
112Kb / 1P
   SMD TCXO HCMOS Output frequency up to 50 MHz
More results

Similar Description - TX3A-869-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
rfsolutions.ltd
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com