Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP20N60S5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPP20N60S5
Description  Cool MOS??Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP20N60S5 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SPP20N60S5 Datasheet HTML 1Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 2Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPP20N60S5 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
2001-07-25
SPP20N60S5
SPB20N60S5
Preliminary data
Avalanche Energy
EAS = f (Tj)
par.: ID = 10 A, VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
50
100
150
200
250
300
350
400
450
500
550
600
mJ
750
Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
5
10
A
20
Tj(START)=25°C
Tj(START)=125°C
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
540
560
580
600
620
640
660
680
V
720
SPP20N60S5
Gate threshold voltage
VGS(th) = f (Tj)
parameter: VGS = VDS, ID = 1 mA
-60
-20
20
60
100
°C
180
Tj
0
1
2
3
4
5
V
7
typ.
max.
min.


Similar Part No. - SPP20N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP20N60S5 INFINEON-SPP20N60S5 Datasheet
323Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPP20N60S5 INFINEON-SPP20N60S5 Datasheet
376Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.8 2009-12-01
logo
Inchange Semiconductor ...
SPP20N60S5 ISC-SPP20N60S5 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP20N60S5 INFINEON-SPP20N60S5_09 Datasheet
376Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.8 2009-12-01
More results

Similar Description - SPP20N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com