Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4291PA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4291PA
Description  1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4291PA Datasheet(HTML) 11 Page - Texas Instruments

Back Button ONET4291PA Datasheet HTML 7Page - Texas Instruments ONET4291PA Datasheet HTML 8Page - Texas Instruments ONET4291PA Datasheet HTML 9Page - Texas Instruments ONET4291PA Datasheet HTML 10Page - Texas Instruments ONET4291PA Datasheet HTML 11Page - Texas Instruments ONET4291PA Datasheet HTML 12Page - Texas Instruments ONET4291PA Datasheet HTML 13Page - Texas Instruments ONET4291PA Datasheet HTML 14Page - Texas Instruments ONET4291PA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
60
80 90
70
50
Register 4 Setting − Hex
0
1
2
3
4
5
G002
A0
00
F0
10
30 40
20
E0
D0
C0
B0
25
27
29
31
33
35
37
39
41
43
45
f − Frequency − GHz
0.1
10
1
G001
−40
−35
−30
−25
−20
−15
−10
−5
0
f − Frequency − GHz
G003
0.01
10
0.1
1
Differential Input Voltage − mVPP
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
40
45
50
G004
ONET4291PA
SLLS671 – SEPTEMBER 2005
Typical operating condition is at V
CC = 3.3 V and TA = 25°C.
FREQUENCY RESPONSE FOR
BANDWIDTH
DIFFERENT BANDWIDTH SETTINGS
vs
REGISTER-4 SETTING
Figure 5.
Figure 6.
DIFFERENTIAL INPUT RETURN GAIN
RANDOM JITTER
vs
vs
FREQUENCY (MAXIMUM BANDWIDTH)
INPUT AMPLITUDE (4.25 Gbps, MAXIMUM BANDWIDTH)
Figure 7.
Figure 8.
11


Similar Part No. - ONET4291PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291PA TI-ONET4291PA Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PA TI-ONET4291PA Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
More results

Similar Description - ONET4291PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
[Old version datasheet]   1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
Analog Devices
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com