Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4291PA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4291PA
Description  1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4291PA Datasheet(HTML) 8 Page - Texas Instruments

Back Button ONET4291PA Datasheet HTML 4Page - Texas Instruments ONET4291PA Datasheet HTML 5Page - Texas Instruments ONET4291PA Datasheet HTML 6Page - Texas Instruments ONET4291PA Datasheet HTML 7Page - Texas Instruments ONET4291PA Datasheet HTML 8Page - Texas Instruments ONET4291PA Datasheet HTML 9Page - Texas Instruments ONET4291PA Datasheet HTML 10Page - Texas Instruments ONET4291PA Datasheet HTML 11Page - Texas Instruments ONET4291PA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
BAND-GAP VOLTAGE AND BIAS GENERATION
TERMINAL ASSIGNMENTS
1
2
3
4
LOS
SD
SCK
SDA
RGV PACKAGE
(TOP VIEW)
12
11
10
9
16
VCC
VCC
TH
RTHI
15
14
13
5
6
7
8
P0030-01
ONET4291PA
SLLS671 – SEPTEMBER 2005
The ONET4291PA limiting amplifier is supplied by a single, 3.3-V supply voltage connected to the VCC terminals.
This voltage is referred to GND.
On-chip band-gap voltage circuitry generates a reference voltage, independent of supply voltage, from which all
other internally required voltages and bias currents are derived.
For the ONET4291PA, a small-footprint 4-mm
× 4-mm, 16-terminal QFN package is used, with a terminal pitch of
0,65 mm.
TERMINAL DESCRIPTION
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
Offset cancellation filter capacitor plus terminal. An external 0.1-
µF filter capacitor must be
COC+
6
Analog
connected between this terminal and COC– (terminal 5).
Offset cancellation filter capacitor minus terminal. An external 0.1-
µF filter capacitor must be
COC–
5
Analog
connected between this terminal and COC+ (terminal 6).
Non-inverted data input. On-chip 50-
Ω terminated to COC+. Differentially 100-Ω terminated
DIN+
7
Analog input
to DIN–.
Inverted data input. On-chip 50-
Ω terminated to COC–. Differentially 100-Ω terminated to
DIN–
8
Analog input
DIN+.
DOUT+
15
CML output
Non-inverted data output. On-chip 50-
Ω back-terminated to V
CC.
DOUT–
14
CML output
Inverted data output. On-chip 50-
Ω back-terminated to V
CC.
GND
13, 16, EP
Supply
Circuit ground. Exposed die pad (EP) must be grounded.
Open-drain
High level indicates that the input signal amplitude is below the programmed threshold level.
LOS
1
MOS
Open-drain output. Requires an external 10-k
Ω pullup resistor to V
CC for proper operation.
Digitally controlled internal resistor to ground, which can be used for LOS threshold
RTHI
9
Analog
adjustment. A 6-bit-wide control register can be set via the two-wire interface.
SCK
3
CMOS input
Two-wire interface serial clock. Includes a 100-k
Ω pullup resistor to V
CC.
High level indicates that sufficient input signal amplitude is applied to the device. Low level
SD
2
CMOS output
indicates that the input signal amplitude is below the programmed threshold level.
SDA
4
CMOS input
Two-wire interface serial data input. Includes a 100-k
Ω pullup resistor to V
CC.
LOS threshold adjustment with resistor to GND. For use of the internal digitally controlled
TH
10
Analog input
resistor, connect TH with RTHI (terminal 9).
VCC
11, 12
Supply
3.3-V, +10%/–12% supply voltage
8


Similar Part No. - ONET4291PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291PA TI-ONET4291PA Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PA TI-ONET4291PA Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
More results

Similar Description - ONET4291PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
[Old version datasheet]   1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
Analog Devices
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com