Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4291PA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4291PA
Description  1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4291PA Datasheet(HTML) 7 Page - Texas Instruments

Back Button ONET4291PA Datasheet HTML 3Page - Texas Instruments ONET4291PA Datasheet HTML 4Page - Texas Instruments ONET4291PA Datasheet HTML 5Page - Texas Instruments ONET4291PA Datasheet HTML 6Page - Texas Instruments ONET4291PA Datasheet HTML 7Page - Texas Instruments ONET4291PA Datasheet HTML 8Page - Texas Instruments ONET4291PA Datasheet HTML 9Page - Texas Instruments ONET4291PA Datasheet HTML 10Page - Texas Instruments ONET4291PA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
ONET4291PA
SLLS671 – SEPTEMBER 2005
Table 5. LOS-Threshold Digitally Controlled Resistor Selection (continued)
R5
R4
R3
R2
R1
R0
TYP
UNIT
0
1
0
1
0
1
60.5
k
0
1
0
1
1
0
59.25
k
0
1
0
1
1
1
58
k
0
1
1
0
0
0
56.75
k
0
1
1
0
0
1
55.5
k
0
1
1
0
1
0
54.25
k
0
1
1
0
1
1
53
k
0
1
1
1
0
0
51.75
k
0
1
1
1
0
1
50.5
k
0
1
1
1
1
0
49.25
k
0
1
1
1
1
1
48
k
1
0
0
0
0
0
46.75
k
1
0
0
0
0
1
45.5
k
1
0
0
0
1
0
44.25
k
1
0
0
0
1
1
43
k
1
0
0
1
0
0
41.75
k
1
0
0
1
0
1
40.5
k
1
0
0
1
1
0
39.25
k
1
0
0
1
1
1
38
k
1
0
1
0
0
0
36.75
k
1
0
1
0
0
1
35.5
k
1
0
1
0
1
0
34.25
k
1
0
1
0
1
1
33
k
1
0
1
1
0
0
31.75
k
1
0
1
1
0
1
30.5
k
1
0
1
1
1
0
29.25
k
1
0
1
1
1
1
28
k
1
1
0
0
0
0
26.75
k
1
1
0
0
0
1
25.5
k
1
1
0
0
1
0
24.25
k
1
1
0
0
1
1
23
k
1
1
0
1
0
0
21.75
k
1
1
0
1
0
1
20.5
k
1
1
0
1
1
0
19.25
k
1
1
0
1
1
1
18
k
1
1
1
0
0
0
16.75
k
1
1
1
0
0
1
15.5
k
1
1
1
0
1
0
14.25
k
1
1
1
0
1
1
13
k
1
1
1
1
0
0
11.75
k
1
1
1
1
0
1
10.5
k
1
1
1
1
1
0
9.25
k
1
1
1
1
1
1
8
k
7


Similar Part No. - ONET4291PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291PA TI-ONET4291PA Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PA TI-ONET4291PA Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
More results

Similar Description - ONET4291PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
[Old version datasheet]   1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
Analog Devices
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com