Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKA8566A Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EKA8566A
Description  USB Audio Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKA8566A Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EKA8566A Datasheet HTML 2Page - ELAN Microelectronics Corp EKA8566A Datasheet HTML 3Page - ELAN Microelectronics Corp EKA8566A Datasheet HTML 4Page - ELAN Microelectronics Corp EKA8566A Datasheet HTML 5Page - ELAN Microelectronics Corp EKA8566A Datasheet HTML 6Page - ELAN Microelectronics Corp EKA8566A Datasheet HTML 7Page - ELAN Microelectronics Corp EKA8566A Datasheet HTML 8Page - ELAN Microelectronics Corp EKA8566A Datasheet HTML 9Page - ELAN Microelectronics Corp EKA8566A Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
eKA8566A
USB Audio Controller
2
Product Specification (V0.1) 10.23.2006
(This specification is subject to change without further notice)
3
Applications
Skype + PSTN (Public Switched Telephone Network)
4
Block Diagram
Transceiver
USB Bus
UDC
PLL
Arbiter
MCU
Memory
Manage Unit
Audio RAM
DAC
AMP
ADC
To Speaker
From Microphone
48MHz
6MHz


Similar Part No. - EKA8566A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
More results

Similar Description - EKA8566A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
   USB AUDIO CONTROLLER
logo
SONiX Technology Compan...
SN11220ACF SONIX-SN11220ACF Datasheet
1Mb / 34P
   USB Audio Controller
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
   USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
   USB AUDIO CONTROLLER
logo
C-Media Electronics
CM101S++ CMEDIA-CM101S+ Datasheet
682Kb / 22P
   USB 2CH Audio Controller
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com