Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4994IQT Datasheet(PDF) 7 Page - Texas Instruments

Part # TS4994IQT
Description  1W differential input/output audio power amplifier with selectable standby
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS4994IQT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS4994IQT Datasheet HTML 3Page - Texas Instruments TS4994IQT Datasheet HTML 4Page - Texas Instruments TS4994IQT Datasheet HTML 5Page - Texas Instruments TS4994IQT Datasheet HTML 6Page - Texas Instruments TS4994IQT Datasheet HTML 7Page - Texas Instruments TS4994IQT Datasheet HTML 8Page - Texas Instruments TS4994IQT Datasheet HTML 9Page - Texas Instruments TS4994IQT Datasheet HTML 10Page - Texas Instruments TS4994IQT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TS4994
Electrical characteristics
7/35
Table 4.
Electrical characteristics for VCC = +3.3V (all electrical values are guaranteed with
correlation measurements at 2.6V and 5V), GND = 0V, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current no input signal, no load
3
7
mA
ISTBY
Standby current
No input signal, VSTBY = VSM = GND, RL = 8Ω
No input signal, VSTBY = VSM = VCC, RL = 8Ω
10
1000
nA
Voo
Differential output offset voltage
No input signal, RL = 8Ω
0.1
10
mV
VICM
Input common mode voltage
CMRR
≤ -60dB
0.6
VCC -0.9
V
Pout
Output power
THD = 1% max, F= 1kHz, RL = 8Ω
300
380
mW
THD + N
Total harmonic distortion + noise
Pout = 300mW rms, AV = 1, 20Hz ≤ F ≤ 20kHz, RL = 8Ω
0.5
%
PSRRIG
Power supply rejection ratio with inputs grounded(1)
F = 217Hz, R = 8
Ω, AV = 1, Cin = 4.7μF, Cb =1μF
Vripple = 200mVPP
100
dB
CMRR
Common mode rejection ratio
F = 217Hz, RL = 8Ω, AV = 1, Cin = 4.7μF, Cb =1μF
Vic = 200mVPP
90
dB
SNR
Signal-to-noise ratio (A-weighted filter, AV = 2.5)
RL = 8Ω, THD +N < 0.7%, 20Hz ≤ F ≤ 20kHz
100
dB
GBP
Gain bandwidth product
RL = 8Ω
2MHz
VN
Output voltage noise, 20Hz
≤ F ≤ 20kHz, RL = 8Ω
Unweighted, AV = 1
A-weighted, AV = 1
Unweighted, AV = 2.5
A-weighted, AV = 2.5
Unweighted, AV = 7.5
A-weighted, AV = 7.5
Unweighted, Standby
A-weighted, Standby
6
5.5
12
10.5
33
28
1.5
1
μVRMS
tWU
Wake-up time(2)
Cb =1μF
15
ms
1.
Dynamic measurements - 20*log(rms(Vout)/rms (Vripple)). Vripple is the super-imposed sinus signal relative to VCC.
2.
Transition time from standby mode to fully operational amplifier.


Similar Part No. - TS4994IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4994IQT STMICROELECTRONICS-TS4994IQT Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
More results

Similar Description - TS4994IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
   RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
   2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
   1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
TS4995 STMICROELECTRONICS-TS4995 Datasheet
442Kb / 26P
   1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com