Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q80 Datasheet(PDF) 42 Page - Winbond

Part # W25Q80
Description  8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80 Datasheet(HTML) 42 Page - Winbond

Back Button W25Q80 Datasheet HTML 38Page - Winbond W25Q80 Datasheet HTML 39Page - Winbond W25Q80 Datasheet HTML 40Page - Winbond W25Q80 Datasheet HTML 41Page - Winbond W25Q80 Datasheet HTML 42Page - Winbond W25Q80 Datasheet HTML 43Page - Winbond W25Q80 Datasheet HTML 44Page - Winbond W25Q80 Datasheet HTML 45Page - Winbond W25Q80 Datasheet HTML 46Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
W25Q80, W25Q16, W25Q32
- 42 -
10.2.25 Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device
ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device
ID instruction. The instruction is initiated by driving the /CS pin low and shifting the instruction code
“90h” followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Winbond
(EFh) and the Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first
as shown in figure 26. The Device ID values for the W25Q80, W25Q16, and W25Q32 are listed in
Manufacturer and Device Identification table. If the 24-bit address is initially set to 000001h the Device
ID will be read first and then followed by the Manufacturer ID. The Manufacturer and Device IDs can be
read continuously, alternating from one to the other. The instruction is completed by driving /CS high.
Figure 26. Read Manufacturer / Device ID Diagram


Similar Part No. - W25Q80

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 74P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLDAIG WINBOND-W25Q80BLDAIG Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLDAIP WINBOND-W25Q80BLDAIP Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLSNIG WINBOND-W25Q80BLSNIG Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q80

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P16VSFIG-TR WINBOND-W25P16VSFIG-TR Datasheet
924Kb / 43P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
W25Q32V WINBOND-W25Q32V Datasheet
1Mb / 61P
   32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV Datasheet
1Mb / 75P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25P80 WINBOND-W25P80 Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BVDAIG-TR WINBOND-W25Q80BVDAIG-TR Datasheet
1Mb / 74P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25X16 WINBOND-W25X16_08 Datasheet
1Mb / 50P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com