Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4046A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4046A
Description  HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4046A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV4046A Datasheet HTML 2Page - Texas Instruments SN74LV4046A Datasheet HTML 3Page - Texas Instruments SN74LV4046A Datasheet HTML 4Page - Texas Instruments SN74LV4046A Datasheet HTML 5Page - Texas Instruments SN74LV4046A Datasheet HTML 6Page - Texas Instruments SN74LV4046A Datasheet HTML 7Page - Texas Instruments SN74LV4046A Datasheet HTML 8Page - Texas Instruments SN74LV4046A Datasheet HTML 9Page - Texas Instruments SN74LV4046A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
SIGIN, COMPIN
PCPOUT, PC1OUT,
VS
tPHL
tPLH
tTHL
tTLH
VS
PC3OUT
Inputs
Outputs
SIGIN
Inputs
COMPIN
Inputs
PC2OUT
Output
VS
tPZH
VS
tPHZ
tPZL
tPLZ
VS
90%
10%
SN74LV4046A
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP
WITH VCO
SCES656C – FEBRUARY 2006 – REVISED APRIL 2007
APPLICATION INFORMATION (continued)
Figure 7. Input-to-Output Propagation Delays and
Figure 8. 3-State Enable and Disable Times for PC2OUT
Output Transition Times
CPD
(1)
CHIP SECTION
CPD
UNIT
Comparator 1
120
pF
VCO
120
(1)
R1 between 3 k
Ω and 50 kΩ
R2 between 3 k
Ω and 50 kΩ
R1 + R2 parallel value > 2.7 k
C1 > 40 pF
6
Submit Documentation Feedback


Similar Part No. - SN74LV4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI-SN74LV4046A Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046AD TI-SN74LV4046AD Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046AD TI-SN74LV4046AD Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046AD TI1-SN74LV4046AD Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
More results

Similar Description - SN74LV4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com