Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512P-50 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # KAD5512P-50
Description  12-Bit, 500MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5512P-50 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button KAD5512P-50 Datasheet HTML 15Page - List of Unclassifed Manufacturers KAD5512P-50 Datasheet HTML 16Page - List of Unclassifed Manufacturers KAD5512P-50 Datasheet HTML 17Page - List of Unclassifed Manufacturers KAD5512P-50 Datasheet HTML 18Page - List of Unclassifed Manufacturers KAD5512P-50 Datasheet HTML 19Page - List of Unclassifed Manufacturers KAD5512P-50 Datasheet HTML 20Page - List of Unclassifed Manufacturers KAD5512P-50 Datasheet HTML 21Page - List of Unclassifed Manufacturers KAD5512P-50 Datasheet HTML 22Page - List of Unclassifed Manufacturers KAD5512P-50 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
KAD5512P-50
Rev 0.5.1 Preliminary
Page 19
or functional parameters. Many registers in the avail-
able address space (0x00 to 0xFF) are not defined in
this document. Additionally, within a defined register
there may be certain bits or bit combinations that
are reserved. Undefined registers and undefined val-
ues within defined registers are reserved and should
not be selected. Setting any reserved register or
value may produce indeterminate results.
SPI Physical Interface
The SPI port operates in a half or full duplex mas-
ter/slave configuration, with the KAD5512P-50 func-
tioning as a slave. Multiple slave devices can inter-
face to a single master. The chip-select bar (CSB) pin
determines when a slave device is being addressed.
Multiple slave devices can be written to concurrently,
but only one slave device can be read from at a
given time. If multiple slave devices are selected for
reading at the same time, the results will be indeter-
minate.
The serial clock pin (SCLK) provides synchronization
for the data transfer. By default, all data is presented
on the serial data input/output (SDIO) pin. The state
of the SDIO pin is set automatically in the communi-
cation protocol (described below). A dedicated se-
rial data output pin (SDO) can be activated by set-
ting 0x00[7] high to allow operation in full duplex
mode.
The communication protocol begins with an instruc-
tion/address phase. The first rising SCLK edge follow-
ing a high to low transition on CSB determines the
beginning of the two-byte instruction/address com-
mand. Data can be presented in MSB-first order or
LSB-first order. The default is MSB-first, but this can be
changed by setting 0x00[6] high. Figures 39 and 40
show the appropriate bit ordering for the MSB-first
and LSB-first modes, respectively. In MSB-first mode
the address is incremented for multi-byte transfers,
while in LSB-first mode it’s decremented.
In the default mode the MSB is R/W, which deter-
mines if the data is to be read (active high) or writ-
ten. The next two bits, W1 and W0, determine the
number of data bytes to be read or written (see Ta-
ble 6). The lower 13 bits contain the first address for
the data transfer. This relationship is illustrated in Fig-
ure 41, and timing values are given in the Switching
Specifications section.
After the instruction/address bytes have been read,
the appropriate number of data bytes are written to
or read from the ADC (based on the R/W bit status).
The data transfer will continue as long as CSB remains
low and SCLK is active. Stalling of the CSB pin is al-
lowed at any byte boundary (instruction/address or
data) if the number of bytes being transferred is three
or less. For transfers of four bytes or more, CSB is al-
lowed stall in the middle of the instruction/address
bytes or before the first data byte. If CSB transitions to
a high state after that point the state machine will
reset and terminate the data transfer.
Figure 39. MSB-First Addressing
Figure 40. LSB-First Addressing


Similar Part No. - KAD5512P-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
KAD5512P-50 RENESAS-KAD5512P-50 Datasheet
1Mb / 30P
   10-Bit, 500MSPS A/D Converter
More results

Similar Description - KAD5512P-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 RENESAS-KAD5512P-50 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50 Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com