Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S70GL01GN00 Datasheet(PDF) 4 Page - SPANSION

Part # S70GL01GN00
Description  1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70GL01GN00 Datasheet(HTML) 4 Page - SPANSION

  S70GL01GN00_07 Datasheet HTML 1Page - SPANSION S70GL01GN00_07 Datasheet HTML 2Page - SPANSION S70GL01GN00_07 Datasheet HTML 3Page - SPANSION S70GL01GN00_07 Datasheet HTML 4Page - SPANSION S70GL01GN00_07 Datasheet HTML 5Page - SPANSION S70GL01GN00_07 Datasheet HTML 6Page - SPANSION S70GL01GN00_07 Datasheet HTML 7Page - SPANSION S70GL01GN00_07 Datasheet HTML 8Page - SPANSION S70GL01GN00_07 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
2
S70GL01GN00 MirrorBitTM Flash
S70GL01GN00_00_A2 May 21, 2007
Da ta
S h e e t
General Description
The S70GL01GN00 is a 1024 Mbit, single power supply flash memory device or-
ganized as two S29GL512N dies in a single 64-ball Fortified-BGA package. Each
S29GL512N die is 512 Mbit, organized as 33,554,432 words or 67,108,864 bytes.
The devices have a 16-bit wide data bus that can also function as an 8-bit wide
data bus by using the BYTE# input. The device can be programmed either in the
host system or in standard EPROM programmers.
Access times as fast as 110 ns is available. Note that each access time has a spe-
cific operating voltage range (VCC) and an I/O voltage range (VIO), as specified
in the Product Selector Guide‚ on page 5 and the Ordering Information‚ on
page 9. The devices are offered in a 56-pin TSOP or 64-ball Fortified BGA pack-
age. Each device has separate chip enable (CE# or CE2#), write enable (WE#)
and output enable (OE#) controls.
Each device requires only a single 3.0 volt power supply for both read and
write functions. In addition to a VCC input, a high-voltage accelerated program
(WP#/ACC) input provides shorter programming times through increased cur-
rent. This feature is intended to facilitate factory throughput during system
production, but may also be used in the field if desired.
The devices are entirely command set compatible with the JEDEC single-
power-supply Flash standard. Commands are written to the device using
standard microprocessor write timing. Write cycles also internally latch addresses
and data needed for the programming and erase operations.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through command sequences.
Once a program or erase operation starts, the host system need only poll the DQ7
(Data# Polling) or DQ6 (toggle) status bits or monitor the Ready/Busy# (RY/
BY#) output to determine whether the operation is complete. To facilitate pro-
gramming, an Unlock Bypass mode reduces command sequence overhead by
requiring only two write cycles to program data instead of four.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. Persistent Sector
Protection provides in-system, command-enabled protection of any combina-
tion of sectors using a single power supply at VCC. Password Sector Protection
prevents unauthorized write and erase operations in any combination of sectors
through a user-defined 64-bit password.
The Erase Suspend/Erase Resume feature allows the host system to pause an
erase operation in a given sector to read or program any other sector and then
complete the erase operation. The Program Suspend/Program Resume fea-
ture enables the host system to pause a program operation in a given sector to
read any other sector and then complete the program operation.
The hardware RESET# pin terminates any operation in progress and resets the
device, after which it is then ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would thus also reset the device,
enabling the host system to read boot-up firmware from the Flash memory
device.


Similar Part No. - S70GL01GN00_07

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL01GN00FAI010 SPANSION-S70GL01GN00FAI010 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI012 SPANSION-S70GL01GN00FAI012 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI013 SPANSION-S70GL01GN00FAI013 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI020 SPANSION-S70GL01GN00FAI020 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI022 SPANSION-S70GL01GN00FAI022 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S70GL01GN00_07

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com