Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74ACT240 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT240
Description  Octal Buffer/Line Drivers, 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT240 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74ACT240 Datasheet HTML 5Page - Texas Instruments CD74ACT240 Datasheet HTML 6Page - Texas Instruments CD74ACT240 Datasheet HTML 7Page - Texas Instruments CD74ACT240 Datasheet HTML 8Page - Texas Instruments CD74ACT240 Datasheet HTML 9Page - Texas Instruments CD74ACT240 Datasheet HTML 10Page - Texas Instruments CD74ACT240 Datasheet HTML 11Page - Texas Instruments CD74ACT240 Datasheet HTML 12Page - Texas Instruments CD74ACT240 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 3


Similar Part No. - CD74ACT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT240 TI-CD74ACT240 Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD74ACT240 TI-CD74ACT240 Datasheet
782Kb / 17P
[Old version datasheet]   Octal Vuffer Line Drivers 3-State
CD74ACT240E TI-CD74ACT240E Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD74ACT240E TI1-CD74ACT240E Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
CD74ACT240EE4 TI1-CD74ACT240EE4 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
More results

Similar Description - CD74ACT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC540 TI-CD54AC540_08 Datasheet
665Kb / 15P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC240 TI-CD54AC240 Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54-74AC540 TI-CD54-74AC540 Datasheet
490Kb / 13P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVERS, 3-STATE
CD54AC540 TI1-CD54AC540_16 Datasheet
1Mb / 18P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-state
CD54AC540 TI-CD54AC540 Datasheet
541Kb / 16P
[Old version datasheet]   Octal Buffer/Line Drivers, 2-State
logo
Mitsubishi Electric Sem...
M74LS244P MITSUBISHI-M74LS244P Datasheet
224Kb / 4P
   OCTAL BUFFER/LINE DRIVERS WITH 3-STATE OUTPUT(NONINVERTED)
logo
Texas Instruments
CD74ACT241M TI-CD74ACT241M Datasheet
782Kb / 17P
[Old version datasheet]   Octal Vuffer Line Drivers 3-State
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com