Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-B21SURC-S400-E13-TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 67-B21SURC-S400-E13-TR8
Description  Technical Data Sheet TOP View LEDs(Preliminary)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-B21SURC-S400-E13-TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  67-B21SURC-S400-E13-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-B21SURC-S400-E13-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-B21SURC-S400-E13-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-B21SURC-S400-E13-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-B21SURC-S400-E13-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-B21SURC-S400-E13-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-B21SURC-S400-E13-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-B21SURC-S400-E13-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-B21SURC-S400-E13-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 6 of 10
Device No. :
prepared date: 2006.4.18
Prepared by: Rita Shen
67-B21SURC/S400-E13/TR8
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel.
Note: The tolerances unless mentioned is ±0.1mm Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 67-B21SURC-S400-E13-TR8

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
67-00C AIO-67-00C Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00C12-60PW-100 AIO-67-00C12-60PW-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00C12-60PW-106 AIO-67-00C12-60PW-106 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00C12-60PW-113 AIO-67-00C12-60PW-113 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00C12-60PX-100 AIO-67-00C12-60PX-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
More results

Similar Description - 67-B21SURC-S400-E13-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
GBC-YV2W2N EVERLIGHT-GBC-YV2W2N Datasheet
269Kb / 10P
   Technical Data Sheet Top View LEDs
Y2C-AP2R2L EVERLIGHT-Y2C-AP2R2L Datasheet
242Kb / 10P
   Technical Data Sheet Top View LEDs
R6C-AU2W1B EVERLIGHT-R6C-AU2W1B Datasheet
161Kb / 10P
   Technical Data Sheet Top View LEDs
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
67-21R6C-AP2R1B2A0 EVERLIGHT-67-21R6C-AP2R1B2A0 Datasheet
204Kb / 10P
   Technical Data Sheet Reverse Top View LEDs
B7C-AS2U1N EVERLIGHT-B7C-AS2U1N_13 Datasheet
284Kb / 10P
   Technical Data Sheet Reverse Package Top View LEDs
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
   Technical Data Sheet Power Top View LEDs With Lens
67-21BUYC-S530-A3-TR8 EVERLIGHT-67-21BUYC-S530-A3-TR8 Datasheet
138Kb / 9P
   TOP View LEDs (Preliminary)
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
67-21BSURC-S530-XX-TR8 EVERLIGHT-67-21BSURC-S530-XX-TR8 Datasheet
134Kb / 9P
   TOP View LEDs (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com