Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21B-UPGC-A003-3-TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-21B-UPGC-A003-3-TR8
Description  TOP View LEDs With Lens
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21B-UPGC-A003-3-TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-21B-UPGC-A003-3-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21B-UPGC-A003-3-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21B-UPGC-A003-3-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21B-UPGC-A003-3-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21B-UPGC-A003-3-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21B-UPGC-A003-3-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21B-UPGC-A003-3-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21B-UPGC-A003-3-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21B-UPGC-A003-3-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EVERLIGHTELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 1 of 11
Device No. :DSE-67B-047
Prepared date:23-Apr-2006
Prepared by : Ray Yuan
Technical Data Sheet
TOP View LEDs With Lens
67-21BUPGC/A003-3/TR8
Features
˙
P-LCC-2 package.
˙
High flux output.
˙
High current capability.
˙
White package.
˙
Optical indicator.
˙
Colorless clear window.
˙
Ideal for backlight and light pipe application.
˙
Inter reflector.
˙
Suitable for automatic placement equipment.
˙
Suitable for reflow and wave solder processes.
˙
Available on tape and reel (12mm Tape).
˙
Pb-free.
˙
The product itself will remain within RoHS
compliant version.
Descriptions
The 67-21B series is available in soft orange,
red and yellow. Due to the package design, the
LED has wide viewing angle and optimized
light coupling by inter reflector. This feature
makes the 67-21B series LED ideal for light
pipe application. The low current requirement
makes this device ideal for portable equipment
or any other application where power is at a
premium.
Applications
˙
Automotive: dashboard, indicator and switch.
˙Indicator and backlight for audio and video equipment.
˙Indicator and backlight in office and family equipment.
˙Flat backlight for LCD’s, switches and symbols.
˙Light pipe application.
˙General use.
Device Selection Guide
Chip
Material
Emitted Color
Lens Color
AlGaInP
Pale Green
Water Clear


Similar Part No. - 67-21B-UPGC-A003-3-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
   TOP View LEDs With Lens
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-SUBC-S400-XX-TR8 EVERLIGHT-67-21B-SUBC-S400-XX-TR8 Datasheet
207Kb / 9P
   TOP View LEDs (Preliminary)
67-21B-SUGC-S400-X6-TR8 EVERLIGHT-67-21B-SUGC-S400-X6-TR8 Datasheet
208Kb / 9P
   Power Top View LEDs with Lens
More results

Similar Description - 67-21B-UPGC-A003-3-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
   TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
   TOP View LEDs With Lens
67-21B-SUGC-S400-X6-TR8 EVERLIGHT-67-21B-SUGC-S400-X6-TR8 Datasheet
208Kb / 9P
   Power Top View LEDs with Lens
67-11B-T7C-MX1Y2M-BT EVERLIGHT-67-11B-T7C-MX1Y2M-BT Datasheet
185Kb / 11P
   TOP View LEDs With Lens (Preliminary)
EAPL3529YA1 EVERLIGHT-EAPL3529YA1 Datasheet
428Kb / 10P
   Power Top View LEDs with Lens
67-21BSYGC-S530-E5-TR8 EVERLIGHT-67-21BSYGC-S530-E5-TR8 Datasheet
225Kb / 9P
   Top View LED With Lens
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
   Technical Data Sheet Power Top View LEDs With Lens
67-21BSDRC-S530-A6-TR8 EVERLIGHT-67-21BSDRC-S530-A6-TR8 Datasheet
212Kb / 9P
   Top View LED With Lens(Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com