Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

67-21BSYGC-S530-E5-TR8 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. 67-21BSYGC-S530-E5-TR8
Description  Top View LED With Lens
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

67-21BSYGC-S530-E5-TR8 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EVERLIGHTELECTRONICS CO.,LTD.
Technical Data Sheet
Top View LED With Lens
67-21BSYGC/S530-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 5 of 9
Device No. :DSE-67B-013
prepared date:29-June-2007
Prepared by: Ray Yuan
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
67-11B-T7C-MX1Y2M-BTTOP View LEDs With Lens Preliminary 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
67-21B-G6C-BR1S2B-BTTOP View LEDs With Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
67-21B-GBC-YX2Z1M-BT-MSTOP View LEDs With Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
67-21B-S2C-AS1T2B-BTTOP View LEDs With Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
67-21B-SUGC-S400-X6-TR8Power Top View LEDs with Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
67-21BSDRC-S530-A6-TR8Top View LED With Lens Preliminary 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
R6C-AR1S1BChip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
67-22SDRVGCTop View LEDs With Bi-Color 1 2 3 4 5 A-BRIGHT Inc
67-01-YSC-HT2U1B-2TTOP View LEDs With Black Surface 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
11-21-BHC-AP2R1-2TTechnical Data Sheet 1206 Package Chip LED with Inner lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn