Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21BSUGC/S400-X6/TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-21BSUGC/S400-X6/TR8
Description  Power Top View LEDs with Lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21BSUGC/S400-X6/TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-21BSUGC/S400-X6/TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21BSUGC/S400-X6/TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21BSUGC/S400-X6/TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21BSUGC/S400-X6/TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21BSUGC/S400-X6/TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21BSUGC/S400-X6/TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21BSUGC/S400-X6/TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21BSUGC/S400-X6/TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21BSUGC/S400-X6/TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
Power Top View LEDs with Lens
67-21B SUGC/S400-X6/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 4
Page: 1 of 9
Device No. :DSE-67B-032
prepared date:05-Dec-2006
Prepared by: Josh Chou
Features
P-LCC-2 package.
White package.
Optical indicator.
Colorless clear window.
Wide viewing angle.
Suitable for vapor-phase reflow, Infrared reflow
and wave solder processes.
Computable with automatic placement equipment.
Available on tape and reel (8mm Tape).
Pb-free.
The product itself will remain within RoHS
compliant version.
Descriptions
The 67-11B series is available in soft orange,
green, blue and yellow. Due to the package design,
the LED has wide viewing angle and optimized
light coupling by inter reflector. This feature
makes the ideal for light pipe application.
The low current requirement makes this device
ideal for portable equipment or any other
application where power is at a premium.
Applications
Telecommunication: indicator and backlighting in
telephone and fax.
Flat backlight for LCD, switch and symbol.
Light pipe application.
General use.
Device Selection Guide
Chip
Material
Emitted Color
Lens Color
InGaN
Brilliant Green
Water Clear


Similar Part No. - 67-21BSUGC/S400-X6/TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21BSUGC/S400-X6/TR8 EVERLIGHT-67-21BSUGC/S400-X6/TR8 Datasheet
203Kb / 9P
   TOP View LEDs
More results

Similar Description - 67-21BSUGC/S400-X6/TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL3529YA1 EVERLIGHT-EAPL3529YA1 Datasheet
428Kb / 10P
   Power Top View LEDs with Lens
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-UPGC-A003-3-TR8 EVERLIGHT-67-21B-UPGC-A003-3-TR8 Datasheet
208Kb / 11P
   TOP View LEDs With Lens
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
   TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
   TOP View LEDs With Lens
67-11B-T7C-MX1Y2M-BT EVERLIGHT-67-11B-T7C-MX1Y2M-BT Datasheet
185Kb / 11P
   TOP View LEDs With Lens (Preliminary)
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
   Technical Data Sheet Power Top View LEDs With Lens
EAPL3529RA0 EVERLIGHT-EAPL3529RA0 Datasheet
364Kb / 10P
   Power Top LEDs with Lens
EAPL3529YA0 EVERLIGHT-EAPL3529YA0 Datasheet
347Kb / 11P
   Power Top LEDs with Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com