Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21B-G6C-BR1S2B-BT Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 67-21B-G6C-BR1S2B-BT
Description  TOP View LEDs With Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21B-G6C-BR1S2B-BT Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 67-21B-G6C-BR1S2B-BT Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21B-G6C-BR1S2B-BT Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21B-G6C-BR1S2B-BT Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21B-G6C-BR1S2B-BT Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21B-G6C-BR1S2B-BT Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21B-G6C-BR1S2B-BT Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21B-G6C-BR1S2B-BT Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21B-G6C-BR1S2B-BT Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-21B-G6C-BR1S2B-BT Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EVERLIGHTELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 10
Device No. :DSE-67B-056
prepared date:29-May-2007
prepared by: Tracy
67-21B/G6C-BR1S2B/BT
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
120 Sec. Max.
1~5 °C / Sec.
Pre-heating
180~200°C
60 Sec. Max.
Above 220°C
260°C. Max.
10 Sec. Max.
1~5 °C / Sec.
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals,
and do soldering of each terminal. Be careful because the damage of the product is often started at
the time of the hand solder.


Similar Part No. - 67-21B-G6C-BR1S2B-BT

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
More results

Similar Description - 67-21B-G6C-BR1S2B-BT

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-UPGC-A003-3-TR8 EVERLIGHT-67-21B-UPGC-A003-3-TR8 Datasheet
208Kb / 11P
   TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
   TOP View LEDs With Lens
67-21B-SUGC-S400-X6-TR8 EVERLIGHT-67-21B-SUGC-S400-X6-TR8 Datasheet
208Kb / 9P
   Power Top View LEDs with Lens
67-11B-T7C-MX1Y2M-BT EVERLIGHT-67-11B-T7C-MX1Y2M-BT Datasheet
185Kb / 11P
   TOP View LEDs With Lens (Preliminary)
EAPL3529YA1 EVERLIGHT-EAPL3529YA1 Datasheet
428Kb / 10P
   Power Top View LEDs with Lens
67-21BSYGC-S530-E5-TR8 EVERLIGHT-67-21BSYGC-S530-E5-TR8 Datasheet
225Kb / 9P
   Top View LED With Lens
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
   Technical Data Sheet Power Top View LEDs With Lens
67-21BSDRC-S530-A6-TR8 EVERLIGHT-67-21BSDRC-S530-A6-TR8 Datasheet
212Kb / 9P
   Top View LED With Lens(Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com