Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-01YSC-HT2U1B-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 67-01YSC-HT2U1B-2T
Description  TOP View LEDs With Black Surface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-01YSC-HT2U1B-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  67-01YSC-HT2U1B-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-01YSC-HT2U1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-01YSC-HT2U1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-01YSC-HT2U1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-01YSC-HT2U1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-01YSC-HT2U1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-01YSC-HT2U1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-01YSC-HT2U1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-01YSC-HT2U1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 12
Device No. :DES-671-B13
prepared date:07-Aug-2006
Prepared by: Teresa Lee
67-01/YSC-HT2U1B/2T
Bin Range Of Dominant Wavelength
Group
Bin Code
Min.
Max.
Unit
Condition
DD2
588
590
DD3
590
592
H
DD4
592
594
nm
IF=20mA
Bin Rang Of Luminous Intensity
Bin
Min
Max
Unit
Condition
T2
360
450
U1
450
565
mcd
IF=20mA
Bin Rang Of Forward Voltage
Group
Bin
Min
Max
Unit
Condition
0
1.75
1.95
1
1.95
2.15
B
2
2.15
2.35
V
IF=20mA
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 67-01YSC-HT2U1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-01YSC-CU1V1-2T-MS EVERLIGHT-67-01YSC-CU1V1-2T-MS Datasheet
214Kb / 10P
   Top View LEDs with Black Surface
More results

Similar Description - 67-01YSC-HT2U1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-01-YSC-HT2U1B-2T EVERLIGHT-67-01-YSC-HT2U1B-2T Datasheet
196Kb / 10P
   TOP View LEDs With Black Surface
67-01UTC-EV1W1N-2T EVERLIGHT-67-01UTC-EV1W1N-2T Datasheet
154Kb / 12P
   TOP View LEDs With Black Surface
67-01YSC-CU1V1-2T-MS EVERLIGHT-67-01YSC-CU1V1-2T-MS Datasheet
214Kb / 10P
   Top View LEDs with Black Surface
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
   TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-UPGC-A003-3-TR8 EVERLIGHT-67-21B-UPGC-A003-3-TR8 Datasheet
208Kb / 11P
   TOP View LEDs With Lens
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com