Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

65-21-SYGC-S530-E2-TR8 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 65-21-SYGC-S530-E2-TR8
Description  Mini TOP View LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

65-21-SYGC-S530-E2-TR8 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 65-21-SYGC-S530-E2-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 9 of 10
Device No.:DSE-651-016
Prepared date: 21-Sep-2005
Prepared by:Forrest Chen
65-21SYGC/S530-XX/TR8
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30 deg C or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.


Similar Part No. - 65-21-SYGC-S530-E2-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-SYGC-S530-E2-TR10-1 EVERLIGHT-65-21-SYGC-S530-E2-TR10-1 Datasheet
196Kb / 9P
   Mini TOP LEDs (Reverse Gull Wing)
More results

Similar Description - 65-21-SYGC-S530-E2-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21SDRC-S530-A4-TR8 EVERLIGHT-65-21SDRC-S530-A4-TR8 Datasheet
252Kb / 9P
   Mini Top View LEDs
45-21SYGC EVERLIGHT-45-21SYGC Datasheet
131Kb / 9P
   Mini TOP View LEDs
65-21UTC-S400-XX-TR8 EVERLIGHT-65-21UTC-S400-XX-TR8 Datasheet
515Kb / 10P
   Mini TOP View LEDs
EAPL2214GA0 EVERLIGHT-EAPL2214GA0 Datasheet
482Kb / 9P
   Mini Top View LEDs
EAPL3527BA4 EVERLIGHT-EAPL3527BA4 Datasheet
367Kb / 9P
   Mini Top View LEDs
EAPL2214GA0-AM EVERLIGHT-EAPL2214GA0-AM Datasheet
368Kb / 9P
   Mini Top View LEDs
65-11-BHC-AR1S2B2-2T EVERLIGHT-65-11-BHC-AR1S2B2-2T Datasheet
219Kb / 10P
   Mini TOP View LEDs
65-21-UYC-S530-A4-TR8 EVERLIGHT-65-21-UYC-S530-A4-TR8 Datasheet
194Kb / 10P
   Mini TOP View LEDs
65-11-GBC-Y0V1AAN0E8 EVERLIGHT-65-11-GBC-Y0V1AAN0E8 Datasheet
325Kb / 9P
   Mini Top View LEDs
EAPL2214GA1 EVERLIGHT-EAPL2214GA1 Datasheet
316Kb / 9P
   Mini Top View LEDs
EAPL2214WA3 EVERLIGHT-EAPL2214WA3 Datasheet
407Kb / 13P
   Mini Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com