Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

65-11-Y1P-S1T2GY-2T Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 65-11-Y1P-S1T2GY-2T
Description  White SMD Surface Mount Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

65-11-Y1P-S1T2GY-2T Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  65-11-Y1P-S1T2GY-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 65-11-Y1P-S1T2GY-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 65-11-Y1P-S1T2GY-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 65-11-Y1P-S1T2GY-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 65-11-Y1P-S1T2GY-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 65-11-Y1P-S1T2GY-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 65-11-Y1P-S1T2GY-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 65-11-Y1P-S1T2GY-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 65-11-Y1P-S1T2GY-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
White SMD Surface Mount Device
65-11/Y1P-S1T2GY/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 2 of 11
Device No. :DSE-651-225
Date:11-Apr.-2006
Prepared by: Rita Shen
Package Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Similar Part No. - 65-11-Y1P-S1T2GY-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-11-BHC-AR1S2B2-2T EVERLIGHT-65-11-BHC-AR1S2B2-2T Datasheet
219Kb / 10P
   Mini TOP View LEDs
65-11-BHC-K9R2S2A7E8 EVERLIGHT-65-11-BHC-K9R2S2A7E8 Datasheet
404Kb / 9P
   Mini Top View LEDs
65-11-GBC-Y0V1AAN0E8 EVERLIGHT-65-11-GBC-Y0V1AAN0E8 Datasheet
325Kb / 9P
   Mini Top View LEDs
65-11-T2C-FV1W2E-2T EVERLIGHT-65-11-T2C-FV1W2E-2T Datasheet
277Kb / 11P
   Mini Top Views LEDs
More results

Similar Description - 65-11-Y1P-S1T2GY-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-23B-UWC-TR8 EVERLIGHT-67-23B-UWC-TR8 Datasheet
157Kb / 10P
   White SMD Surface Mount Device
67-13-W3C-MW1X2-2T EVERLIGHT-67-13-W3C-MW1X2-2T Datasheet
164Kb / 11P
   White SMD Surface Mount Device
67-11-W1C-FV1W2F-2T EVERLIGHT-67-11-W1C-FV1W2F-2T Datasheet
162Kb / 11P
   White SMD Surface Mount Device
67-11-W1C-FV1W2F-2T EVERLIGHT-67-11-W1C-FV1W2F-2T Datasheet
162Kb / 11P
   White SMD Surface Mount Device
67-23UWC-400-X9-TR8 EVERLIGHT-67-23UWC-400-X9-TR8 Datasheet
155Kb / 10P
   White SMD Surface Mount Device
logo
A-BRIGHT Inc
61-23UWC A-BRIGHT-61-23UWC_15 Datasheet
399Kb / 6P
   Power White Surface Mount Device
61-26UWC A-BRIGHT-61-26UWC_15 Datasheet
341Kb / 6P
   Power White Surface Mount Device
61-23UWC A-BRIGHT-61-23UWC Datasheet
394Kb / 6P
   Power White Surface Mount Device
61-26UWC A-BRIGHT-61-26UWC Datasheet
336Kb / 6P
   Power White Surface Mount Device
61-24UWC A-BRIGHT-61-24UWC_15 Datasheet
345Kb / 6P
   Power White Surface Mount Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com