Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-13-S3GHBHC-B04-ET Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 61-13-S3GHBHC-B04-ET
Description  Luminosity Full Color LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

61-13-S3GHBHC-B04-ET Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 61-13-S3GHBHC-B04-ET Datasheet HTML 6Page - Everlight Electronics Co., Ltd 61-13-S3GHBHC-B04-ET Datasheet HTML 7Page - Everlight Electronics Co., Ltd 61-13-S3GHBHC-B04-ET Datasheet HTML 8Page - Everlight Electronics Co., Ltd 61-13-S3GHBHC-B04-ET Datasheet HTML 9Page - Everlight Electronics Co., Ltd 61-13-S3GHBHC-B04-ET Datasheet HTML 10Page - Everlight Electronics Co., Ltd 61-13-S3GHBHC-B04-ET Datasheet HTML 11Page - Everlight Electronics Co., Ltd 61-13-S3GHBHC-B04-ET Datasheet HTML 12Page - Everlight Electronics Co., Ltd 61-13-S3GHBHC-B04-ET Datasheet HTML 13Page - Everlight Electronics Co., Ltd 61-13-S3GHBHC-B04-ET Datasheet HTML 14Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
61-13/S3GHBHC-B04/ET
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 10 of 14
Device No.: DSE-613-010
Prepared date: 08-Nov-2006
Prepared by: Josh Chou
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Similar Part No. - 61-13-S3GHBHC-B04-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-136-REGHB7C-B01-ET EVERLIGHT-61-136-REGHB7C-B01-ET Datasheet
266Kb / 13P
   Luminosity Full Color LED
61-136/REGHB7C-B01/ET EVERLIGHT-61-136/REGHB7C-B01/ET Datasheet
266Kb / 13P
   Luminosity Full Color LED
logo
Vecow Co., Ltd.
61-13B0707-386 VECOW-61-13B0707-386 Datasheet
441Kb / 2P
   Supports DDR3L 1866MHz memory, up to 8GB
61-13P0430-08A VECOW-61-13P0430-08A Datasheet
441Kb / 2P
   Supports DDR3L 1866MHz memory, up to 8GB
61-13Q1009-0DA VECOW-61-13Q1009-0DA Datasheet
441Kb / 2P
   Supports DDR3L 1866MHz memory, up to 8GB
More results

Similar Description - 61-13-S3GHBHC-B04-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
61-136-REGHB7C-B01-ET EVERLIGHT-61-136-REGHB7C-B01-ET Datasheet
266Kb / 13P
   Luminosity Full Color LED
61-036-GBRSB7W-B06-ET EVERLIGHT-61-036-GBRSB7W-B06-ET Datasheet
226Kb / 15P
   Luminosity Full Color LED
61-23-R6GHBHC-A01 EVERLIGHT-61-23-R6GHBHC-A01 Datasheet
253Kb / 12P
   Luminosity Full Color LED
61-03-GBB7RSW-B06-ET EVERLIGHT-61-03-GBB7RSW-B06-ET Datasheet
260Kb / 15P
   Luminosity Full Color LED
R6SGHB7C-A02 EVERLIGHT-R6SGHB7C-A02 Datasheet
180Kb / 12P
   Luminosity Full Color LED
64-135-R6GHBHC-A01-2T EVERLIGHT-64-135-R6GHBHC-A01-2T Datasheet
197Kb / 12P
   Luminosity Full Color LED
EAPL32328RGBA0 EVERLIGHT-EAPL32328RGBA0 Datasheet
765Kb / 13P
   Luminosity Full Color LED
EAPL32328RGBA1 EVERLIGHT-EAPL32328RGBA1 Datasheet
497Kb / 13P
   Luminosity Full Color LED
61-23-S3SGHBHC-B14-ET EVERLIGHT-61-23-S3SGHBHC-B14-ET Datasheet
244Kb / 15P
   Luminosity Full Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com