Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM75TU-12H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. CM75TU-12H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM75TU-12H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sep.1998
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
CM75TU-12H
Units
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
600
Volts
Gate-Emitter Voltage (C-E SHORT)
VGES
±20
Volts
Collector Current (Tc = 25°C)
IC
75
Amperes
Peak Collector Current (Tj ≤ 150°C)
ICM
150*
Amperes
Emitter Current**
IE
75
Amperes
Peak Emitter Current**
IEM
150*
Amperes
Maximum Collector Dissipation (Tj < 150°C)
Pc
310
Watts
Mounting Torque, M4 Main Terminal
1.3 ~ 1.7
N · m
Mounting Torque, M5 Mounting
2.5 ~ 3.5
N · m
Weight
570
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Vrms
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1
mA
Gate Leakage Voltage
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 7.5mA, VCE = 10V
4.5
6
7.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 75A, VGE = 15V, Tj = 25°C
2.4
3.0
Volts
IC = 75A, VGE = 15V, Tj = 125°C
2.6
Volts
Total Gate Charge
QG
VCC = 300V, IC = 75A, VGE = 15V
150
nC
Emitter-Collector Voltage*
VEC
IE = 75A, VGE = 0V
2.6
Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
Dynamic Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
6.6
nF
Output Capacitance
Coes
VCE = 10V, VGE = 0V
3.6
nF
Reverse Transfer Capacitance
Cres
––
1
nF
Resistive
Turn-on Delay Time
td(on)
VCC = 300V, IC = 75A,
100
ns
Load
Rise Time
tr
VGE1 = VGE2 = 15V,
250
ns
Switch
Turn-off Delay Time
td(off)
RG = 8.3Ω, Resistive
200
ns
Times
Fall Time
tf
Load Switching Operation
300
ns
Diode Reverse Recovery Time
trr
IE = 75A, diE/dt = -150A/µs
160
µC
Diode Reverse Recovery Charge
Qrr
IE = 75A, diE/dt = -150A/µs
0.18
µC
Thermal and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT 1/6 Module
0.4
°C/W
Thermal Resistance, Junction to Case
Rth(j-c)D
Per Free-Wheel Diode 1/6 Module
0.9
°C/W
Contact Thermal Resistance
Rth(c-f)
Per Module, Thermal Grease Applied
0.018
°C/W
MITSUBISHI IGBT MODULES
CM75TU-12H
HIGH POWER SWITCHING USE
INSULATED TYPE


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM100TU-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200DY-28HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM350DU-5FHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM100TX1-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM200DY-2HBHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM75E2Y-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CM1000HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM150DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200E3U-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM600HU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn