Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4053 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M74HC4053
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4053 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M74HC4053 Datasheet HTML 4Page - STMicroelectronics M74HC4053 Datasheet HTML 5Page - STMicroelectronics M74HC4053 Datasheet HTML 6Page - STMicroelectronics M74HC4053 Datasheet HTML 7Page - STMicroelectronics M74HC4053 Datasheet HTML 8Page - STMicroelectronics M74HC4053 Datasheet HTML 9Page - STMicroelectronics M74HC4053 Datasheet HTML 10Page - STMicroelectronics M74HC4053 Datasheet HTML 11Page - STMicroelectronics M74HC4053 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ANALOG SWITCH CHARACTERISTICS (GND = 0 V TA =25
o C)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion
2.25
2.25
4
fIN = 1 KHz
RL =10 K
CL = 50 pF
0.025
%
4.5
-4.5
8
0.020
6.0
-6.0
11
0.018
fMAX
Frequency
Response
(Switch ON)
2.25
-2.25
Adjust fIN voltage to Obtain 0 dBm at VOS.
Increase fIN Frequency until dB Meter
Reads -3dB
RL =50
CL =10 pF
fIN = 1 KHz
sine wave
ALL (*)
120
MHz
HC4051 (**)
HC4052 (**)
HC4053 (**)
45
70
95
4.5
-4.5
ALL (*)
190
HC4051 (**)
HC4052 (**)
HC4053 (**)
70
110
150
6.0
-6.0
ALL (*)
200
HC4051 (**)
HC4052 (**)
HC4053 (**)
85
140
190
Feedthrough
Attenuation
(Switch OFF)
2.25
-2.25
VIN is centered at (VCC -VEE)/2.
Adjust input for 0 dBm
RL = 600
CL =50 pF
fIN = 1 KHz sine wave
-50
dB
4.5
-4.5
-50
6.0
-6.0
-50
Crosstalk
(Control Input to
Signal Output)
2.25
-2.25
Adjust RL at set up so that IS =0A
RL = 600
CL =50 pF
fIN = 1 MHz square wave
60
mV
4.5
-4.5
140
6.0
-6.0
200
Crosstalk
(Between Any
Switches)
2.25
-2.25
Adjust VIN to Obtain 0 dBm at Input
RL = 600
CL =50 pF
fIN = 1 MHz sine wave
-50
dB
4.5
-4.5
-50
6.0
-6.0
-50
(*): Input COMMON Terminal, and measured at SWITCH Terminal.
(**): Input SWITCH Terminal, and measured at COMMON Terminal.
NOTE: These characteristics are determined by design of devices.
M54/M74HC4051/4052/4053
8/15


Similar Part No. - M74HC4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4053B1R STMICROELECTRONICS-M74HC4053B1R Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4053M1R STMICROELECTRONICS-M74HC4053M1R Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4053RM13TR STMICROELECTRONICS-M74HC4053RM13TR Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4053TTR STMICROELECTRONICS-M74HC4053TTR Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - M74HC4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4351 STMICROELECTRONICS-M54HC4351 Datasheet
302Kb / 16P
   ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
logo
ON Semiconductor
ESD7554 ONSEMI-ESD7554 Datasheet
230Kb / 7P
   4Channel DualVoltage Protection Array
November, 2010 ??Rev. 0
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
   4Channel 14Gbps VCSEL Driver
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
   4CHANNEL BTL DRIVER FOR CD PLAYERS
logo
ON Semiconductor
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
logo
Texas Instruments
74AC11139 TI-74AC11139 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 2-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139 Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74VHCT139A ONSEMI-MC74VHCT139A Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
logo
Rohm
BU4052BC ROHM-BU4052BC_15 Datasheet
1Mb / 21P
   Dual 4ch Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com