Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93-22/G6R7C-B01/2A0 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 93-22/G6R7C-B01/2A0
Description  High performance SMD LED with Reflector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-22/G6R7C-B01/2A0 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  93-22/G6R7C-B01/2A0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 5 of 12
Device No. :DSE-932-038
Prepared date:02-Feb-2007
Prepared by: Ray Yuan
93-22/G6R7C-B01/2A0
Bin Range Of Dominant Wavelength
Chip
Bin Code
Min.
Max.
Unit
Condition
1
570.5
572.5
G6
2
572.5
574.5
1
621.0
624.5
R7
2
624.5
628.5
nm
IF=5mA
Bin Range Of Luminous Intensity
Chip
Bin
Min
Max
Unit
Condition
M1
18.0
22.5
M2
22.5
28.5
G6
N1
28.5
36.0
N1
28.5
36.0
N2
36.0
45.0
R7
P1
45.0
57.0
mcd
IF=5mA
Bin Range Of Forward Voltage
Chip
Bin
Min
Max
Unit
Condition
C
1.60
1.95
G6
D
1.95
2.20
C
1.60
1.95
R7
D
1.95
2.20
V
IF=5mA
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 93-22/G6R7C-B01/2A0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
93-22SURSYGC EVERLIGHT-93-22SURSYGC Datasheet
213Kb / 11P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
93-22SURSYGC/S530-A2/TR8 EVERLIGHT-93-22SURSYGC/S530-A2/TR8 Datasheet
213Kb / 11P
   High performance SMD LED with Reflector
93-22SURSYGC/S530-A3/TR8 EVERLIGHT-93-22SURSYGC/S530-A3/TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
More results

Similar Description - 93-22/G6R7C-B01/2A0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com