Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93-22/G6R7C-B01/2A0 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 93-22/G6R7C-B01/2A0
Description  High performance SMD LED with Reflector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-22/G6R7C-B01/2A0 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  93-22/G6R7C-B01/2A0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-22/G6R7C-B01/2A0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 3 of 12
Device No. :DSE-932-038
Prepared date:02-Feb-2007
Prepared by: Ray Yuan
93-22/G6R7C-B01/2A0
Absolute Maximum Ratings @Ta=25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
G6
Forward Current
IF
R7
25
mA
G6
Forward Current
(Duty 1/10 @ 1KHz)
IFP
R7
60
mA
G6
Power Dissipation Peak
Pd
R7
60
mW
Electrostatic
Discharge(HBM)
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.


Similar Part No. - 93-22/G6R7C-B01/2A0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
93-22SURSYGC EVERLIGHT-93-22SURSYGC Datasheet
213Kb / 11P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
93-22SURSYGC/S530-A2/TR8 EVERLIGHT-93-22SURSYGC/S530-A2/TR8 Datasheet
213Kb / 11P
   High performance SMD LED with Reflector
93-22SURSYGC/S530-A3/TR8 EVERLIGHT-93-22SURSYGC/S530-A3/TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
More results

Similar Description - 93-22/G6R7C-B01/2A0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com