Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45-11UNC Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 45-11UNC
Description  Top View LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

45-11UNC Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 45-11UNC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 45-11UNC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 45-11UNC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 45-11UNC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 45-11UNC Datasheet HTML 9Page - Everlight Electronics Co., Ltd 45-11UNC Datasheet HTML 10Page - Everlight Electronics Co., Ltd 45-11UNC Datasheet HTML 11Page - Everlight Electronics Co., Ltd 45-11UNC Datasheet HTML 12Page - Everlight Electronics Co., Ltd 45-11UNC Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
Top View LEDs
45-11UNC/XXXXXXX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 14
Device No. : DSE-451-049
Prepared date: 2-Oct-2007
Prepared by: Ya-Hui Fang
Typical Electro-Optical Characteristics Curves
10
0
10
0
10
0
20
30
50
40
80
40
20
60
100
0.7
0.8
0.9
1.0
1
400
0
25
75
50
100
100
1000
700
500
600
800
10
20
30
50
40
0.1
0.3
0.5
0.2 0.4
80°
90°
0.6
50°
60°
70°
40°
20°
10°
0
1
10
2
10
30°
3
10
f=1KHz
Duty=1/10
3.8
3.2
2.9
2.6
3.5
4.1
-60
1
10
-20
-40
0 20
60
40
100
80
100
1000
Ta=25°C
Forward Voltage V (V)
Forward Current Derating Curve
Ambient Temperature Ta (°C)
Wavelength λ (nm)
Relative Luminous Intensity vs.
Ambient Temperature
Spectrum Distribution
Forward Voltage
F
Ta=25°C
Forward Current vs.
Forward Current I (mA)
F
Ta=25°C
Relative Luminous Intensity vs.
Forward Current
Ta=25°C
Radiation Diagram
Ambient Temperature Ta (°C)


Similar Part No. - 45-11UNC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-11-BNSB-39404501E8 EVERLIGHT-45-11-BNSB-39404501E8 Datasheet
316Kb / 19P
   Hyper Mini Top View LEDs
More results

Similar Description - 45-11UNC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com