Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42-21UYC Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 42-21UYC
Description  1.8mm round Subminiature Chip LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

42-21UYC Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 42-21UYC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 42-21UYC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 42-21UYC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 42-21UYC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 42-21UYC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 42-21UYC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 42-21UYC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 42-21UYC Datasheet HTML 9Page - Everlight Electronics Co., Ltd 42-21UYC Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 9 of 10
Device No:DSE-421-033
Prepared date: 16-Aug-2005
Prepared by: Ashley Kuo
42-21UYC/S530-XX/TR8
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1
Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30 deg C or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - 42-21UYC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
42-21UYC-S530-A3-TR8 EVERLIGHT-42-21UYC-S530-A3-TR8 Datasheet
174Kb / 10P
   1.8mm round Subminiature Chip LEDs
logo
A-BRIGHT Inc
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4 Datasheet
316Kb / 5P
   1.8mm Round Subminiature SMD Chip LED Lamps
2006/10/18
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4 Datasheet
321Kb / 5P
   SURFACE MOUNT LED LAMPS
2006/10/18
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4_15 Datasheet
321Kb / 5P
   SURFACE MOUNT LED LAMPS
2006/10/18
42-21UYC/S530-A4 A-BRIGHT-42-21UYC/S530-A4 Datasheet
316Kb / 5P
   1.8mm Round Subminiature SMD Chip LED Lamps
2006/10/18
More results

Similar Description - 42-21UYC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
322Kb / 5P
   1.8mm Round Subminiature Chip LEDs
2006/10/11
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
327Kb / 5P
   1.8mm Round Subminiature Chip LEDs
2006/10/11
logo
Everlight Electronics C...
42-21UYC-S530-A3-TR8 EVERLIGHT-42-21UYC-S530-A3-TR8 Datasheet
174Kb / 10P
   1.8mm round Subminiature Chip LEDs
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
42-21SYGC EVERLIGHT-42-21SYGC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21-BHC-AUW-1T TO-GRACE-42-21-BHC-AUW-1T Datasheet
799Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T_11 Datasheet
145Kb / 10P
   1.8mm round Subminiature Chip LED
42-21-BHC-AUW-1T EVERLIGHT-42-21-BHC-AUW-1T Datasheet
158Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21A-BHC-ZV1W2N-1T TO-GRACE-42-21A-BHC-ZV1W2N-1T Datasheet
716Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21SURC-S530-A3-TR8 EVERLIGHT-42-21SURC-S530-A3-TR8 Datasheet
187Kb / 9P
   1.8mm round Subminiature Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com