Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

27-21SYGC Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. 27-21SYGC
Description  Chip LED with Right Angle Lens
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

27-21SYGC Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
27-21SYGC/S530-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 5 of 9
Device No:SZDSE-271-001
Prepared date:19-Aug-2005
Prepared by:Wang Zhiyong
xxxxxx
xxxxxx
xxxxxxxxxxxx
xxxx
xxxxxxxx
RoHS
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
12-21SYGC-S530-XX-TR8Chip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
12-21SURC-S530-XX-TR8Chip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
12-21-BHC-AN1P2-2CTechnical Data Sheet Chip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
SIR12-21CChip Infrared LED With Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
27-21-BHC-AN1P2Chip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
R6C-AR1S1BChip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
R8C-AN1P2BChip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
12-21C-BHC-ANQ-2CTechnical Data Sheet Chip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
12-215UYCChip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
27-21SURCChip LED with Right Angle Lens 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn