Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2305-EVALZ Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2305-EVALZ
Description  Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2305-EVALZ Datasheet(HTML) 5 Page - Analog Devices

  SSM2305-EVALZ Datasheet HTML 1Page - Analog Devices SSM2305-EVALZ Datasheet HTML 2Page - Analog Devices SSM2305-EVALZ Datasheet HTML 3Page - Analog Devices SSM2305-EVALZ Datasheet HTML 4Page - Analog Devices SSM2305-EVALZ Datasheet HTML 5Page - Analog Devices SSM2305-EVALZ Datasheet HTML 6Page - Analog Devices SSM2305-EVALZ Datasheet HTML 7Page - Analog Devices SSM2305-EVALZ Datasheet HTML 8Page - Analog Devices SSM2305-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SSM2305
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Rev. 0 | Page 5 of
16
PIN 1
INDICATOR
NC = NO CONNECT
TOP VIEW
(Not to Scale)
SSM2305
SD 1
2
NC
3
IN+
4
IN–
7GND
8OUT–
6VDD
5OUT+
Figure 2. LFSCP Pin Configuration
SD 1
NC 2
IN+ 3
IN– 4
OUT–
8
GND
7
VDD
6
OUT+
5
SSM2305
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 3. MSOP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SD
Shutdown Input. Active low digital input.
2
NC
No Connect. This pin has no function, tie it to GND.
3
IN+
Noninverting Input.
4
IN−
Inverting Input.
5
OUT+
Noninverting Output.
6
VDD
Power Supply.
7
GND
Ground.
8
OUT−
Inverting Output.


Similar Part No. - SSM2305-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2305 AD-SSM2305 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
logo
SeCoS Halbleitertechnol...
SSM2305A SECOS-SSM2305A Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM2305AGN SSC-SSM2305AGN Datasheet
318Kb / 5P
   P-channel Enhancement-mode Power MOSFET
logo
Analog Devices
SSM2305CPZ-R2 AD-SSM2305CPZ-R2 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
SSM2305CPZ-REEL AD-SSM2305CPZ-REEL Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
More results

Similar Description - SSM2305-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com