Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XXX3491 Datasheet(PDF) 4 Page - Texas Instruments

Part # XXX3491
Description  3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XXX3491 Datasheet(HTML) 4 Page - Texas Instruments

  XXX3491 Datasheet HTML 1Page - Texas Instruments XXX3491 Datasheet HTML 2Page - Texas Instruments XXX3491 Datasheet HTML 3Page - Texas Instruments XXX3491 Datasheet HTML 4Page - Texas Instruments XXX3491 Datasheet HTML 5Page - Texas Instruments XXX3491 Datasheet HTML 6Page - Texas Instruments XXX3491 Datasheet HTML 7Page - Texas Instruments XXX3491 Datasheet HTML 8Page - Texas Instruments XXX3491 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE PROTECTION
SN65HVD30 – SN65HVD39
SLLS665E – SEPTEMBER 2005 – REVISED MARCH 2008
over operating free-air temperature range unless otherwise noted
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VI or VIC
Voltage at any bus terminal (separately or common mode)
–7(1)
12
SN65HVD30, SN65HVD33, SN65HVD36, SN65HVD38
26
1/tUI
Signaling rate
SN65HVD31, SN65HVD34, SN65HVD37, SN65HVD39
5
Mbps
SN65HVD32, SN65HVD35
1
RL
Differential load resistance
54
60
VIH
High-level input voltage
D, DE, RE
2
VCC
VIL
Low-level input voltage
D, DE, RE
0
0.8
V
VID
Differential input voltage
–12
12
Driver
–60
IOH
High-level output current
mA
Receiver
–8
Driver
60
IOL
Low-level output current
mA
Receiver
8
TJ
Junction temperature
–40
150
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Human body model
Bus terminals and GND
±16
Human body model(2)
All pins
±4
kV
Charged-device-model(3)
All pins
±1
(1)
All typical values at 25
°C with 3.3-V supply.
(2)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(3)
Tested in accordance with JEDEC Standard 22, Test Method C101.
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s) :SN65HVD30 – SN65HVD39


Similar Part No. - XXX3491

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
XXX-130-XX-XX-XX ATM-XXX-130-XX-XX-XX Datasheet
80Kb / 1P
   TABULATED OUTLINE, WRD W/G BULKHEAD FEEDTHRU
XXX-130X-X.XX-X-X ATM-XXX-130X-X.XX-X-X Datasheet
201Kb / 1P
   BULKHEAD OUTLINE STD WAVEGUIDE
XXX-201-XX ATM-XXX-201-XX Datasheet
130Kb / 1P
   OUTLINE, W/G-COAX ADAPTER - ENDLAUNCH TYPE SMA&TYPE-N
XXX-203-XX ATM-XXX-203-XX Datasheet
130Kb / 1P
   OUTLINE, W/G-COAX ADAPTER - ENDLAUNCH TYPE SMA&TYPE-N
XXX-253X-XX ATM-XXX-253X-XX Datasheet
50Kb / 1P
   OUTLINE, W/G-COAX ADAPTER TYPE-N
More results

Similar Description - XXX3491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com