Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD30 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65HVD30
Description  3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD30 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD30_08 Datasheet HTML 1Page - Texas Instruments SN65HVD30_08 Datasheet HTML 2Page - Texas Instruments SN65HVD30_08 Datasheet HTML 3Page - Texas Instruments SN65HVD30_08 Datasheet HTML 4Page - Texas Instruments SN65HVD30_08 Datasheet HTML 5Page - Texas Instruments SN65HVD30_08 Datasheet HTML 6Page - Texas Instruments SN65HVD30_08 Datasheet HTML 7Page - Texas Instruments SN65HVD30_08 Datasheet HTML 8Page - Texas Instruments SN65HVD30_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
SN65HVD30 – SN65HVD39
SLLS665E – SEPTEMBER 2005 – REVISED MARCH 2008
AVAILABLE OPTIONS
SIGNALING
RECEIVER
BASE
UNIT LOADS
ENABLES
SOIC MARKING
RATE
EQUALIZATION
PART NUMBER
26 Mbps
No
No
SN65HVD30
VP30
5 Mbps
1/8
No
No
SN65HVD31
VP31
1 Mbps
1/8
No
No
SN65HVD32
VP32
26 Mbps
No
Yes
SN65HVD33
65HVD33
5 Mbps
1/8
No
Yes
SN65HVD34
65HVD34
1 Mbps
1/8
No
Yes
SN65HVD35
65HVD35
26 Mbps
Yes
No
SN65HVD36
PREVIEW
5 Mbps
1/8
Yes
No
SN65HVD37
PREVIEW
26 Mbps
Yes
Yes
SN65HVD38
PREVIEW
5 Mbps
1/8
Yes
Yes
SN65HVD39
PREVIEW
over operating free-air temperature range unless otherwise noted
(1) (2)
UNIT
VCC
Supply voltage range
–0.3 V to 6 V
V(A), V(B), V(Y), V(Z)
Voltage range at any bus terminal (A, B, Y, Z)
–9 V to 14 V
V(TRANS)
Voltage input, transient pulse through 100
Ω. See Figure 12 (A, B, Y, Z)(3)
–50 to 50 V
VI
Input voltage range (D, DE, RE)
-0.5 V to 7 V
PD(cont)
Continuous total power dissipation
Internally limited(4)
IO
Output current (receiver output only, R)
11 mA
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
This tests survivability only and the output state of the receiver is not specified.
(4)
The thermal shutdown protection circuit internally limits the continuous total power dissipation. Thermal shutdown typically occurs when
the junction temperature reaches 165
°C.
JEDEC THERMAL
TA < 25°C
DERATING FACTOR
TA = 85°C
TA = 105°C
TA = 125°C
PACKAGE
ABOVE TA = 25°C
RATING
RATING
RATING
MODEL
RATING
Low k
625 mW
5 mW/
°C
325 mW
SOIC (D) 8 pin
High k
1000 mW
8 mW/
°C
520 mW
360 mW
Low k
765 mW
6.1 mW/
°C
400 mW
275 mW
SOIC (D) 14 pin
High k
1350 mW
10.8 mW/
°C
705 mW
485 mW
270 mW
QFN (RHL) 20 pin
High k
1710 mW
13.7 mW/
°C
890 mW
6150 mW
340 mW
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :SN65HVD30 – SN65HVD39


Similar Part No. - SN65HVD30_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3080E TI-SN65HVD3080E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGS TI-SN65HVD3080EDGS Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGS TI-SN65HVD3080EDGS Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD30_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com