Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSC23-11GWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. PSC23-11GWA
Description  56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

PSC23-11GWA Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAD2416
REV NO: V.9
DATE:JUN/01/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN:Z.Z.YANG
ERP: 1311000147
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
PSC23-11GWA
GREEN (GaP)
WHITE DIFFUSED
1900
10500
Common Cathode, Rt.
Hand Decimal.
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD[1]
Dominant Wavelength
Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF[2]
Forward
Voltage
A1,A2,D1,D2,P,K
Green
5.0
V
IF=20mA
B,C,E,F,G,H,J,L,M,N
DP
2.2
2.5
IR
Reverse
Current
A1,A2,D1,D2,P,K
Green
10
20
10
uA
VR = 10V
VR = 10V
VR = 5V
B,C,E,F,G,H,J,L,M,N
DP
4.4
Parameter
Green
Units
Power dissipation
A1,A2,D1,D2,P,K
125
250
62.5
mW
B,C,E,F,G,H,J,L,M,N
DP
DC Forward Current
A1,A2,D1,D2,P,K
25
50
25
mA
B,C,E,F,G,H,J,L,M,N
DP
Peak Forward Current [1]
A1,A2,D1,D2,P,K
140
280
140
mA
B,C,E,F,G,H,J,L,M,N
DP
Reverse Voltage
A1,A2,D1,D2,P,K
10
10
5
B,C,E,F,G,H,J,L,M,N
DP
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3-5 Seconds
V
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Note:
1. Luminous Intensity/ Luminous Flux: +/-15%.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn