Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5460 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 19Page - Cirrus Logic CS5460 Datasheet HTML 20Page - Cirrus Logic CS5460 Datasheet HTML 21Page - Cirrus Logic CS5460 Datasheet HTML 22Page - Cirrus Logic CS5460 Datasheet HTML 23Page - Cirrus Logic CS5460 Datasheet HTML 24Page - Cirrus Logic CS5460 Datasheet HTML 25Page - Cirrus Logic CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
CS5460
DS279PP5
23
4.4 Cycle Count Register
Address: RA[4:0]* = 0x05
Default** = 4000
The Cycle Count Register determines the length of an energy and RMS conversion. A conversion cycle is de-
rived from (MCLK/K)/(1024
∗N) where MCLK is master clock, K is clock divider, and N is cycle count. N must be
greater than 10 for IRMS, VRMS and energy calculations to be performed.
4.5 Pulse-Rate Register
Address: RA[4:0]* = 0x06
Default** = 32000.00Hz
The Pulse-Rate Register determines the frequency of the train of pulses output on the EOUT pin. Each EOUT
pulse represents a predetermined magnitude of energy.The register’s smallest valid value is 2-4 but can be in
2-5 increments.
4.6 I,V,P,E Signed Output Register Results
Address: RA[4:0]* = 0x07 - 0x0A
Access: Read Only
The Signed Registers contain the last value of the measured results of I, V, P, and E. The results are in the
range of -1.0
≤ I, V, P, E < 1.0. The value is represented in two's complement notation, with the binary point
place to the right of the MSB (which is the sign bit). I, V, P, and E are output results registers which contain
signed values.
4.7 IRMS, VRMS Unsigned Output Register Results
Address: RA[4:0]* = 0x0B - 0x0C
Access: Read Only
The Unsigned Registers contain the last value of the calculated results of IRMS and VRMS. The results are in the
range of 0.0
≤ I
RMS,VRMS < 1.0. The value is represented in binary notation, with the binary point place to the
left of the MSB. IRMS and VRMS are output result registers which contain unsigned values.
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
218
217
216
215
214
213
212
211
.....
21
20
2-1
2-2
2-3
2-4
2-5
MSB
LSB
SIGN
2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24


Similar Part No. - CS5460

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
logo
List of Unclassifed Man...
CS5460A-BS ETC2-CS5460A-BS Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CS5460

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
   Single Phase Bi-Directional Power/Energy IC
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
   Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com