Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1D-APQHY Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # T1D-APQHY
Description  Chip LED with Inner Lens
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

T1D-APQHY Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  T1D-APQHY Datasheet HTML 1Page - Everlight Electronics Co., Ltd T1D-APQHY Datasheet HTML 2Page - Everlight Electronics Co., Ltd T1D-APQHY Datasheet HTML 3Page - Everlight Electronics Co., Ltd T1D-APQHY Datasheet HTML 4Page - Everlight Electronics Co., Ltd T1D-APQHY Datasheet HTML 5Page - Everlight Electronics Co., Ltd T1D-APQHY Datasheet HTML 6Page - Everlight Electronics Co., Ltd T1D-APQHY Datasheet HTML 7Page - Everlight Electronics Co., Ltd T1D-APQHY Datasheet HTML 8Page - Everlight Electronics Co., Ltd T1D-APQHY Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 11
Device No.: SZDSE-251-T02
Prepared date:24-Jan-2008
Prepared by:Qilong Chen
Technical Data Sheet
Reverse Package Chip LED with Inner Lens
25-21/T1D-APQHY/2A
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version.
Descriptions
․The 25-21 SMD LED is much smaller than lead
frame type components, thus enable smaller
board size, higher packing density, reduced
storage space and finally smaller equipment to be
obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Resin Color
25-21/T1D-APQHY/2A
InGaN
Pure White
Yellow Diffused


Similar Part No. - T1D-APQHY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T1D-AQ2R2TY EVERLIGHT-T1D-AQ2R2TY Datasheet
153Kb / 12P
   Chip LED (0.3mm Height)
More results

Similar Description - T1D-APQHY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-APR EVERLIGHT-BHC-APR Datasheet
194Kb / 10P
   Chip LED with Inner Lens
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T Datasheet
142Kb / 10P
   Chip LED with Inner Lens
25-21-T1D-ANQHY EVERLIGHT-25-21-T1D-ANQHY Datasheet
158Kb / 11P
   Chip LED with Inner Lens
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
logo
List of Unclassifed Man...
QBLP651-S1 ETC1-QBLP651-S1 Datasheet
614Kb / 9P
   Inner Lens Chip LED
QBLP651 ETC-QBLP651 Datasheet
979Kb / 14P
   LED with Inner Lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
   1206 Package Chip LED with Inner Lens
logo
Everlight Electronics C...
11-21-G6C-FN2P2B-2T EVERLIGHT-11-21-G6C-FN2P2B-2T Datasheet
254Kb / 10P
   1206 Package Chip LED with Inner lens
25-21-W1D-APQHY-2A EVERLIGHT-25-21-W1D-APQHY-2A Datasheet
162Kb / 10P
   Reverse Package Chip LED with Inner lens
11-21-R6C-AP1Q2LZ-2T EVERLIGHT-11-21-R6C-AP1Q2LZ-2T Datasheet
235Kb / 10P
   1206 Package Chip LED with Inner lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com