Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD1205T Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. ILD1205T
Description  Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package, 110 °C Rated
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1205T Datasheet(HTML) 4 Page - Vishay Siliconix

  ILD1205T Datasheet HTML 1Page - Vishay Siliconix ILD1205T Datasheet HTML 2Page - Vishay Siliconix ILD1205T Datasheet HTML 3Page - Vishay Siliconix ILD1205T Datasheet HTML 4Page - Vishay Siliconix ILD1205T Datasheet HTML 5Page - Vishay Siliconix ILD1205T Datasheet HTML 6Page - Vishay Siliconix ILD1205T Datasheet HTML 7Page - Vishay Siliconix ILD1205T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 83599
Rev. 1.9, 20-Apr-07
Vishay Semiconductors
ILD1205T/1206T/1207T
For technical support, please contact: optocoupler.answers@vishay.com
Note:
1) As per IEC60747-5-2, §7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
SAFETY AND INSULATION RATINGS1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYPE
MAX
UNIT
Climatic Classification
(according to IEC 68 part 1)
55/110/21
Polution Degree
(DIN VDE 0109)
2.0
mm
Comparative tracking index
per DIN IEC112/VDE 0303
part 1, group IIIa per DIN
VDE 6110 175 399
175
399
VIOTM
VIOTM
6000
V
VIORM
VIORM
560
V
Resistance, input to output
RIO
100
Ω
PSI
350
mW
ISI
150
mA
TSI
165
°C
Creeapage
4.0
mm
Clearance
4.0
mm
Figure 3. Forward Current vs. Forward Voltage
60
50
40
30
20
10
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Vf-Forward Voltage (V)
19149
0 °C
25 °C
50 °C
110 °C
- 55 °C
Figure 4. VCE vs. IC, (Non-Saturated)
0
5
10
15
20
25
30
01234567
8
910
VCE (V)
IF = 5 mA
IF = 10 mA
IF = 15 mA
IF= 20 mA
IF = 30 mA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn