Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD1205T Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. ILD1205T
Description  Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package, 110 °C Rated
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1205T Datasheet(HTML) 3 Page - Vishay Siliconix

  ILD1205T Datasheet HTML 1Page - Vishay Siliconix ILD1205T Datasheet HTML 2Page - Vishay Siliconix ILD1205T Datasheet HTML 3Page - Vishay Siliconix ILD1205T Datasheet HTML 4Page - Vishay Siliconix ILD1205T Datasheet HTML 5Page - Vishay Siliconix ILD1205T Datasheet HTML 6Page - Vishay Siliconix ILD1205T Datasheet HTML 7Page - Vishay Siliconix ILD1205T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number 83599
Rev. 1.9, 20-Apr-07
www.vishay.com
3
Vishay Semiconductors
ILD1205T/1206T/1207T
For technical support, please contact: optocoupler.answers@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.2
1.55
V
Reverse current
VR = 6.0 V
IR
0.1
100
µA
Capacitance
VR = 0
CI
25
pF
OUTPUT
Collector-emitter leakage current
VCE = 10 V, IF = 0
ICEO
5.0
50
nA
Collector-emitter breakdown voltage
IC = 100 µA
BVCEO
70
V
Emitter-collector breakdown voltage
IE = 10 µA
BVECO
7.0
V
Collector-emitter saturation voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.4
V
Collector-emitter capacitance
VCE = 0
CCE
10
pF
COUPLER
DC Current Transfer Ratio
VCE = 5.0 V, IF = 10 mA
ILD1205T
CTR
40
80
%
ILD1206T
CTR
63
125
%
ILD1207T
CTR
100
200
%
Capacitance (input-output)
CIO
0.5
pF
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYPE
MAX
UNIT
Turn-on time
IC = 2.0 mA, RL = 100 Ω,
VCC = 5.0 V
ton
5.0
µs
Turn-off time
IC = 2.0 mA, RL = 100 Ω,
VCC = 5.0 V
toff
4.0
µs
Figure 2. Switching Test Circuit
iild205t_08
toff
tr
10 %
50 %
90 %
ts
tpdoff
tpdon
ton
tr
td
Output
Input
10 %
50 %
90 %
Input
V OUT
VCC = 5 V
R L


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn