Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD1205T Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. ILD1205T
Description  Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package, 110 °C Rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1205T Datasheet(HTML) 1 Page - Vishay Siliconix

  ILD1205T Datasheet HTML 1Page - Vishay Siliconix ILD1205T Datasheet HTML 2Page - Vishay Siliconix ILD1205T Datasheet HTML 3Page - Vishay Siliconix ILD1205T Datasheet HTML 4Page - Vishay Siliconix ILD1205T Datasheet HTML 5Page - Vishay Siliconix ILD1205T Datasheet HTML 6Page - Vishay Siliconix ILD1205T Datasheet HTML 7Page - Vishay Siliconix ILD1205T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Semiconductors
ILD1205T/1206T/1207T
Document Number 83599
Rev. 1.9, 20-Apr-07
www.vishay.com
1
For technical support, please contact: optocoupler.answers@vishay.com
Optocoupler, Phototransistor Output, Dual Channel,
SOIC-8 package, 110 °C Rated
FEATURES
• Operating temperature from - 55 °C to
+ 110 °C
• Two Channel Coupler
• SOIC-8 Surface Mountable Package
• Isolation Test Voltage, 4000 VRMS
• Compatible with Dual Wave, Vapor Phase
and IR Reflow Soldering
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
i179018
A1
C2
A3
C4
8 C
7E
6C
5E
DESCRIPTION
The 110 °C rated ILD1205T/1206T/1207T are optically
coupled pairs with a Gallium Arsenide infrared LED
and a silicon NPN phototransistor. Signal information,
including a DC level, can be transmitted by the device
while maintaining a high degree of electrical isolation
between input and output. The ILD1205T/1206T/
1207T come in a standard SOIC-8 small outline
package for surface mounting which makes it ideally
suited for high density applications with limited space.
In addition to eliminating through-holes requirements,
this package conforms to standards for surface
mounted devices.
A specified minimum and maximum CTR allows a
narrow tolerance in the electrical design of the
adjacent circuits. The high BVCEO of 70 V gives a
higher safety margin compared to the industry
standard of 30 V.
AGENCY APPROVALS
• UL - File No. E52744 System Code Y
• CUL - File No. E52744, equivalent to CSA
bulletin 5A
• DIN EN 60747-5-2(VDE0884)
Available with Option 1
APPLICATIONS
• AC Adapters
•PLCs
• Switch Mode Power Supplies
• DC/DC Converters
• Microprocessor I/O Interfaces
• General impedance matching circuits
Note:
For additional information on the available options refer to Option Information.
ORDER INFORMATION
PART
REMARKS
ILD1205T
CTR 40 - 80 %, SOIC-8
ILD1206T
CTR 63 - 125 %, SOIC-8
ILD1207T
CTR 100 - 200 %, SOIC-8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn