Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD1205T Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. ILD1205T
Description  Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package, 110 °C Rated
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1205T Datasheet(HTML) 6 Page - Vishay Siliconix

  ILD1205T Datasheet HTML 1Page - Vishay Siliconix ILD1205T Datasheet HTML 2Page - Vishay Siliconix ILD1205T Datasheet HTML 3Page - Vishay Siliconix ILD1205T Datasheet HTML 4Page - Vishay Siliconix ILD1205T Datasheet HTML 5Page - Vishay Siliconix ILD1205T Datasheet HTML 6Page - Vishay Siliconix ILD1205T Datasheet HTML 7Page - Vishay Siliconix ILD1205T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 83599
Rev. 1.9, 20-Apr-07
Vishay Semiconductors
ILD1205T/1206T/1207T
For technical support, please contact: optocoupler.answers@vishay.com
PACKAGE DIMENSIONS in inches (millimeters)
0.036 (0.91)
0.014 (0.36)
0.170 (4.32)
0.045 (1.14)
0.260 (6.6)
R 0.010 (0.13)
0.050 (1.27)
i178020
ISO Method A
40°
0.240
(6.10)
0.050 (1.27) Typ.
0.016 (0.41)
0.004 (0.10)
0.008 (0.20)
Lead coplanarity
± 0.001 Max.
0.008 (0.20)
0.120 ± 0.002
(3.05 ± 0.05)
CL
R0.010
(0.25) Max.
0.040 (1.02)
5° Max.
Pin One I.D.
0.154 ± 0.002
(3.91 ± 0.05)
0.015 ± 0.002
(0.38 ± 0.05)
0.230 ± 0.002
(5.84 ± 0.05)
0.020 ± 0.004
(0.51 ± 0.10)
2 Plcs.
0.0585 ± 0.002
(1.49 ± 0.05)
0.125 ± 0.002
(3.18 ± 0.05)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn