Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD1205T Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. ILD1205T
Description  Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package, 110 °C Rated
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1205T Datasheet(HTML) 5 Page - Vishay Siliconix

  ILD1205T Datasheet HTML 1Page - Vishay Siliconix ILD1205T Datasheet HTML 2Page - Vishay Siliconix ILD1205T Datasheet HTML 3Page - Vishay Siliconix ILD1205T Datasheet HTML 4Page - Vishay Siliconix ILD1205T Datasheet HTML 5Page - Vishay Siliconix ILD1205T Datasheet HTML 6Page - Vishay Siliconix ILD1205T Datasheet HTML 7Page - Vishay Siliconix ILD1205T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number 83599
Rev. 1.9, 20-Apr-07
www.vishay.com
5
Vishay Semiconductors
ILD1205T/1206T/1207T
For technical support, please contact: optocoupler.answers@vishay.com
Figure 5. Collector to Emitter Leakage Current vs.
Ambient Temperature
Figure 6. VCE vs. IC, (Saturated)
Figure 7. Normalized CTR vs.
Ambient Temperature (Saturated, VCE = 0.4 V)
0.001
0.01
0.1
1
10
100
1000
10000
- 55 - 40 - 25 - 10 5 20 35 50 65 80 95 110 125
Tamb (°C)
VCE = 40 V
VCE = 24 V
VCE = 12 V
0
2
4
6
8
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
VCE (V)
IF = 1 mA
IF = 2 mA
IF = 5 mA
IF = 10 mA
IF = 25 mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 55 - 40 - 25 - 10
20 35 50 65 80 95 110 125
Tamb (°C)
IF = 5 mA
5
IF = 10 mA
IF = 1 mA
Normalized to I = 10 mA
Tamb = 25 °C
F
Normalized CTR vs. Ambient Temperature
(Non-Saturated, VCE = 5 V)
Figure 8. Cut-off-Frequency (- 3 dB) vs. Collector Current
Figure 9. ton, toff vs. Load Resistance (100 Ω to 20000 Ω)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 55 - 40 - 25 - 10 5 20 35 50 65 80 95 110 125
Tamb (°C)
Normalized to I = 10 mA
Tamb = 25 °C
F
IF = 1 mA
IF = 5 mA
IF = 10 mA
1
10
100
1000
0.1
1.0
10.0
100.0
Ic (mA)
ILD1205,6
+ 25 °C + 50 °C
VCE = 5 V, Tamb = 25 °C
0 °C
1
10
100
1000
0.1
1
10
100
Load Resistance (k
Ω)
toff
ton


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn