Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC571LC5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC571LC5
Description  GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC571LC5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC571LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC571LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC571LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC571LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC571LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC571LC5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8
8 - 177
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 113758 [1]
Item
Description
C1 - C4
Capacitor 0603, 0.01 μF
J1, J4
PCB Mount SMA RF Connector, SRI
J2, J3
PCB Mount SMA Connector, Johnson
J5 - J7
DC Pin
U1
HMC571LC5
PCB [2]
113756 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC571LC5
v05.0208
GaAs MMIC I/Q DOWNCONVERTER
21 - 25 GHz


Similar Part No. - HMC571LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC571LC5 HITTITE-HMC571LC5 Datasheet
245Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571LC5 HITTITE-HMC571LC5_09 Datasheet
245Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
More results

Similar Description - HMC571LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC571LC5 HITTITE-HMC571LC5_09 Datasheet
245Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571 HITTITE-HMC571 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC570 HITTITE-HMC570_11 Datasheet
393Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC570LC5 HITTITE-HMC570LC5 Datasheet
236Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com