Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2092R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HAT2092R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2092R Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT2092R
Rev.3.00 Jan. 13, 2005 page 3 of 7
Main Characteristics
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS
(V)
Typical Transfer Characteristics
Note 4 :
When using the glass epoxy board
(FR4 40x40x1.6 mm)
50
40
30
20
10
0
24
6
8
10
50
40
30
20
10
0
12
3
4
5
Tc = 75
°C
25
°C
-25
°C
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
VDS = 10 V
Pulse Test
500
Ta = 25
°C
1 shot Pulse
PW
= 10
ms
10
µs
100
µs
Operation in
this area is
limited by RDS(on)
Note
4
DC
Operatio
n (PW
< 10
s)
1 ms
VGS = 3 V
10 V
4.5 V
4 V
Pulse Test
3.5 V
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
4.0
3.0
2.0
1.0
0
50
100
150
200
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
1 Drive
Operation
Gate to Source Voltage
VGS
(V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
0.20
0.16
0.12
0.08
0.04
0
4
8
12
16
20
20
10
2
5
1
0.5
2
5
20
50
Pulse Test
ID = 10 A
2 A
5 A
0.1
1
10
100
0.2
100
50
VGS= 4.5 V
10 V
Pulse Test


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn