Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2092R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. HAT2092R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2092R Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2092R Datasheet HTML 1Page - Renesas Technology Corp HAT2092R Datasheet HTML 2Page - Renesas Technology Corp HAT2092R Datasheet HTML 3Page - Renesas Technology Corp HAT2092R Datasheet HTML 4Page - Renesas Technology Corp HAT2092R Datasheet HTML 5Page - Renesas Technology Corp HAT2092R Datasheet HTML 6Page - Renesas Technology Corp HAT2092R Datasheet HTML 7Page - Renesas Technology Corp HAT2092R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HAT2092R
Rev.3.00 Jan. 13, 2005 page 5 of 7
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
D = 1
0.05
0.02
0.01
1shot
puls
e
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation)
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation)
DM
P
PW
T
D =
PW
T
ch - f(t) = s (t) x
ch - f
ch - f = 125
°C/W, Ta = 25°C
θ
γ
θ
θ
When using the glass epoxy board
(FR4 40x40x1.6 mm)
DM
P
PW
T
D =
PW
T
ch - f(t) = s (t) x
ch - f
ch - f = 166
°C/W, Ta = 25°C
θ
γ
θ
θ
When using the glass epoxy board
(FR4 40x40x1.6 mm)
Source to Drain Voltage
VSD (V)
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
5 V
VGS = 0
10 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn