Electronic Components Datasheet Search |
|
NPH15S4805XXX Datasheet(PDF) 8 Page - C&D Technologies |
|
NPH15S4805XXX Datasheet(HTML) 8 Page - C&D Technologies |
8 / 8 page www.cd4power.com NPH15S SERIES Isolated 15W Single Output DC/DC Converters KDC_NPH15SC.6 Page 8 of 8 C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our website to ensure that you have the current and complete specification for your product before use. © C&D Technologies (NCL) Limited 2005 KDC_NPH15SC.6 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.cd4power.com C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes, MK14 5BU, UK Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545 email: MK@cdtechno.com C&D Technologies, Inc. 11 Cabot Boulevard, Mansfield MA 02048-1151, USA Tel: +1 (508) 339-3000 Fax: +1 (800) 233-2765 email: sales@cdtechno.com PACKAGE SPECIFICATIONS MECHANICAL DIMENSIONS TUBE OUTLINE DIMENSIONS RECOMMENDED FOOTPRINT Weight: 36g All dimensions in inches ±0.01 (mm ±0.25mm) All pins on a 0.10 (2.54) pitch and within ±0.01 (2.54) of true position * Optional control pins The copper case is internally connected to the output (-VOUT) pin. Care is needed in the design of this circuit board on which the converter is mounted. Top side tracks must not contact the edge of the case or the ferrite core, visible on the underside of the unit. All dimensions in inches ±0.01 (mm ±0.25mm) Tube length: 530 (20.866) ±2 (0.079) Tube material: Antistatic coated clear PVC Tube Quantity: 15 All dimensions in inches ±0.01 (mm ±0.25mm) * Optional control pins RoHS COMPLIANCE INFORMATION This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300ºC for 10 seconds. The pin termination finish on this product series is Matte Tin over Nickel Preplate. The series is backward compatible with Sn/Pb soldering systems. For further information, please visit www.cd4power.com/rohs |
Similar Part No. - NPH15S4805XXX |
|
Similar Description - NPH15S4805XXX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |