Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33064 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MC33064
Description  UNDERVOLTAGE SENSING CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC33064 Datasheet(HTML) 2 Page - Microsemi Corporation

  MC33064_04 Datasheet HTML 1Page - Microsemi Corporation MC33064_04 Datasheet HTML 2Page - Microsemi Corporation MC33064_04 Datasheet HTML 3Page - Microsemi Corporation MC33064_04 Datasheet HTML 4Page - Microsemi Corporation MC33064_04 Datasheet HTML 5Page - Microsemi Corporation MC33064_04 Datasheet HTML 6Page - Microsemi Corporation MC33064_04 Datasheet HTML 7Page - Microsemi Corporation MC33064_04 Datasheet HTML 8Page - Microsemi Corporation MC33064_04 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P RODU C T ION D AT A S HEET
T HE
I NFI N ITE
P O W ER
OF
I N NOVATIO N
L IN F IN IT Y M IC ROEL E C TRON IC S I NC .
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
2
Copyright
© 1999
Rev. 1.3a,2005-03-01
MC33064 / MC34064
U NDERVOLTAGE S ENSING C IRCUIT
ABSOLUTE MAXI MUM RATI NGS
Input Supply Voltage (VIN)................................................................................ -1V to 10V
RESET Output Voltage (VOUT)......................................................................................10V
Output Sink Current (IOL) .............................................................. Internally Limited (mA)
Clamp Diode Forward Current (IF), Pin 1 to Pin 2....................................................100mA
Operating Temperature Range ................................................................................... 150
°C
Storage Temperature Range.........................................................................-65
°C to 150°C
Package Peak Temp. for Solder Reflow (40 seconds maximum exposure) ... 260°C (+0 -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERM A L DATA
DM Plastic SOIC 8-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
165
°C/W
LP
Plastic TO-92 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
156
°C/W
PK Plastic SOT-89 3-Pin
THERMAL RESISTANCE
-JUNCTION TO TAB,
θJT
35
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
71
°C/W
Junction Temperature Calculation: TJ = TA + (PD x
θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
SI MPLIFI ED BLOCK DI AGRAM
V
IN
+
_
1.2 V
REF
GROUND
RESET
PACKAGE PI N OUT
RESET
V
IN
N.C.
GROUND
N.C.
1
2
3
4
5
6
7
8
N.C.
N.C.
N.C.
DM PACKAGE
(Top View)
1
RESET
2
3
V
IN
GROUND
LP PACKAGE
(Top View)
RESET
GROUND
V
IN
1
2
3
PK PACKAGE
(Top View)
RoHS / Pb-free 100% matte Tin Lead Finish


Similar Part No. - MC33064_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064D-005G ONSEMI-MC33064D-005G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Motorola, Inc
MC33064D-5 MOTOROLA-MC33064D-5 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
ON Semiconductor
MC33064D-5G ONSEMI-MC33064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
More results

Similar Description - MC33064_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com