Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUR3060PT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HUR3060PT
Description  High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUR3060PT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HUR3060PT Datasheet HTML 1Page - List of Unclassifed Manufacturers HUR3060PT Datasheet HTML 2Page - List of Unclassifed Manufacturers HUR3060PT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HUR3060PT
HUR3060PT
VRSM
V
600
VRRM
V
600
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
TC=140
oC; rectangular, d=0.5
35
2 x 15
A
TVJ
TVJM
Tstg
-55...+175
175
-55...+150
oC
IFSM
TVJ=45
oC; tp=10ms (50Hz), sine
EAS
TVJ=25
oC; non-repetitive; IAS=1A; L=180uH
VA=1.5.VR typ.; f=10kHz; repetitive
110
0.1
0.1
A
mJ
IAR
A
Ptot
TC=25
oC
Md
mounting torque
typical
95
0.4...0.6
2
W
Nm
Weight
g
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102


Similar Part No. - HUR3060PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR3060PT SIRECTIFIER-HUR3060PT Datasheet
257Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR3060PT SIRECTIFIER-HUR3060PT Datasheet
262Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR3060PT SIRECTIFIER-HUR3060PT_16 Datasheet
262Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - HUR3060PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR20100CT SIRECTIFIER-HUR20100CT Datasheet
310Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2X60-100 SIRECTIFIER-HUR2X60-100 Datasheet
271Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2X60-60 SIRECTIFIER-HUR2X60-60 Datasheet
271Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR6040PT SIRECTIFIER-HUR6040PT Datasheet
252Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR3020CT SIRECTIFIER-HUR3020CT Datasheet
311Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2960 SIRECTIFIER-HUR2960 Datasheet
247Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR6060PT SIRECTIFIER-HUR6060PT Datasheet
260Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR830 SIRECTIFIER-HUR830 Datasheet
244Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR30100 SIRECTIFIER-HUR30100 Datasheet
248Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR60100PT SIRECTIFIER-HUR60100PT Datasheet
259Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR820 SIRECTIFIER-HUR820 Datasheet
161Kb / 2P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com