Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-E Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # G2R-1-E
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-E Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button G2R-1-E Datasheet HTML 8Page - Omron Electronics LLC G2R-1-E Datasheet HTML 9Page - Omron Electronics LLC G2R-1-E Datasheet HTML 10Page - Omron Electronics LLC G2R-1-E Datasheet HTML 11Page - Omron Electronics LLC G2R-1-E Datasheet HTML 12Page - Omron Electronics LLC G2R-1-E Datasheet HTML 13Page - Omron Electronics LLC G2R-1-E Datasheet HTML 14Page - Omron Electronics LLC G2R-1-E Datasheet HTML 15Page - Omron Electronics LLC G2R-1-E Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
152
G2R
G2R
Relays with PCB Terminals
SPDT Relays
G2R-14, G2R-1Z4
Mounting Holes
(Bottom View)
Terminal Arrangement/
Internal Connections
(Bottom View)
Tolerance:
±0.1
SPST-NO Relays
G2R-1A4, G2R-1AZ4
29 max.
13.5 max.
25.5 max.
(24.8)*
40.3
0.5
0.5
0.16
1
29 max.
25.5 max.
(24.8)*
13.5 max.
4
0.3
0.5
0.16
1
20
7.5
3.5 3.5
(2.1)
(2.7)
Five, 1.3-dia.
holes
20
7.5
3.5
(2.1)
(2.7)
Four, 1.3-dia.
holes
1
5
2
3
4
1
5
3
4
(28.6)*
(12.9)*
*Average value
(No coil polarity)
(28.6)*
(12.9)*
*Average value
(No coil polarity)
SPDT Relays
G2R-1-S, G2R-1-SD, G2R-1-SN, G2R-1-SND, G2R-1-SNI, G2R-1-SNDI
G2R-13-S, G2R-13-SD, G2R-13-SN, G2R-13-SND
Terminal Arrangement/Internal Connections
(Bottom View)
Relays with Plug-in Terminals
G2R-1-S, G2R-13-S
G2R-1-SN, G2R-1-SNI,
G2R-13-SN (AC)
G2R-1-SN, G2R-1-SNI,
G2R-13-SN (DC)
G2R-1-SD, G2R-13-SD
(DC)
G2R-1-SND, G2R-1-SNDI,
G2R-13-SND (DC)
29 max.
2.5
2
29 max.
(28.2)*
5
20
0.5
4.75
13 max.
10
4
Three 0.9 x 3
elliptic holes
7.5
5.2
5.2
17.5
1
5
4
3
2
1
5
4
3
2
1
5
4
3
2
+
-
1
5
4
3
2
+
-
1
5
4
3
2
+
-
*
*This terminal is
SPDT only.
*Average value
(28.6)*
(12.7)*
(After confirming coil
polarity, wire correctly.)
(Except G2R-1-S,
G2R-13-S)
29 max.
(1.141)*
4.1 max.
(0.161)*
13 max.
(0.511)* 7.3 max.
(0.287)*
29 max.
(1.141)*
2.5 20
5
4.75
0.5
7.5
5.2
17.5
5.2
*Average value


Similar Part No. - G2R-1-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-E OMRON-G2R-1-E Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1-E OMRON-G2R-1-E Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1-E OMRON-G2R-1-E Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1-E OMRON-G2R-1-E Datasheet
656Kb / 12P
   Power PCB Relay
G2R-1-E OMRON-G2R-1-E Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-1-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com