Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-E Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G2R-1-E
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-E Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G2R-1-E Datasheet HTML 4Page - Omron Electronics LLC G2R-1-E Datasheet HTML 5Page - Omron Electronics LLC G2R-1-E Datasheet HTML 6Page - Omron Electronics LLC G2R-1-E Datasheet HTML 7Page - Omron Electronics LLC G2R-1-E Datasheet HTML 8Page - Omron Electronics LLC G2R-1-E Datasheet HTML 9Page - Omron Electronics LLC G2R-1-E Datasheet HTML 10Page - Omron Electronics LLC G2R-1-E Datasheet HTML 11Page - Omron Electronics LLC G2R-1-E Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
148
G2R
G2R
Engineering Data
Flux Protection/Plug-in Relays
G2R-1, G2R-1A, G2R-1-S, G2R-1-T,
G2R-1A-T
G2R-1-E, G2R-1A-E
G2R-1Z, G2R-1AZ
Switching voltage (V)
Switching voltage (V)
Switching voltage (V)
G2R-1-H, G2R-1A-H, G2R-2
G2R-2A, G2R-2-S
G2R-2-H, G2R-2A-H
Switching voltage (V)
Switching voltage (V)
G2RK-1A, G2RK-1
G2RK-2A, G2RK-2
Switching voltage (V)
Switching voltage (V)
Maximum Switching Power
AC
resistive load
DC
resistive load
AC inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
AC
resistive load
DC inductive load
(L/R = 7 ms)
DC
resistive load
AC inductive load
(cos
φ = 0.4)
AC
resistive load
AC inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
DC
resistive load
AC
resistive load
DC
resistive load
DC inductive load
(L/R = 7 ms)
DC inductive load
(L/R = 7 ms)
DC
resistive load
AC
resistive load
AC
resistive load
AC
resistive load
DC
resistive load
DC
resistive load
DC inductive load
(L/R = 7 ms)
DC inductive load
(L/R = 7 ms)
AC inductive load
(cos
φ = 0.4)
AC inductive load
(cos
φ = 0.4)
AC inductive load
(cos
φ = 0.4)
AC inductive load
(cos
φ = 0.4)
Switching voltage (V)
G2R-13-S, G2R-1A3-S
AC inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
AC resistive
load
DC resistive load


Similar Part No. - G2R-1-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-E OMRON-G2R-1-E Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1-E OMRON-G2R-1-E Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1-E OMRON-G2R-1-E Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1-E OMRON-G2R-1-E Datasheet
656Kb / 12P
   Power PCB Relay
G2R-1-E OMRON-G2R-1-E Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-1-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com