Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDM0365RN Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part # FSDM0365RN
Description  Green Mode Fairchild Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0365RN Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button FSDM0365RN Datasheet HTML 10Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 11Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 12Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 13Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 14Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 15Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 16Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 17Page - Fairchild Semiconductor FSDM0365RN Datasheet HTML 18Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
FSDH321, FSDL321
14
10W PC Auxiliary Power, 150~375VDC Input Power
supply:
It shows a auxiliary power for PC. Efficiency at 10W, 150/
375VDC is
≥70%.
The PC application has the standard of standby power con-
sumption, under 1W at the output load, 0.5W and height
input voltage, 230VAC. For this the FSDH321 also has the
burst operating function like the any other green mode FPS
like FSDM0265RN or FSDM0365RN and so on. This skill
reduces the MOSFET switching numbers and power MOS-
FET switching loss. This design takes advantage of self pro-
tection without external components and high switching
frequency, 100kHz. The frequency makes using a small size
transformer core possible. The EE16 or EE1625 can be used
for 10W application.
This is achieved by preventing the green FPS from switching
when the input voltage goes below a level needed to main-
tain output regulation, and keeping it off until the input volt-
age goes above the under-voltage threshold, when the AC is
turned on again. For example with the resistor, R101,
680k
Ω, the threshold voltage is around 150VAC(210VDC)
at the room temperature.
Leakage inductance clamping is provided by R102 and
C101, keeping the DRAIN voltage below 650 V under all
conditions. And R102 dissipates power to prevent rising of
DRAIN Voltage caused by leakage inductance. The fre-
quency modulation feature of FSDH321 allows the circuit
shown to meet CISPR2AB with simple EMI filtering. The
secondary is rectified and smoothed by D201. Similarly
D102 and D103 are also rectifiers for main power control IC
and FSDH321 respectively. The 5V output voltage require
two capacitors in parallel to meet the ripple current require-
ment. Switching noise filtering is provided by L201. The
output is regulated by the reference (TL431) voltage in sec-
ondary. It is sensed via R203 and R204. Resistor R201 pro-
vides bias for TL431 and R202 sets the overall DC gain.
R2012, C202 and R203 provide loop compensation.
Typical application circuit
1. PC Auxiliary Power Circuit (10W Output Power)
T1
EE1625
7
10
D201
SB360
C201
1000uF
16V
C203
470uF
16V
L201
10uH
5V
(+/-5%)
2A
C101
10nF
630V
1
2
4
5
R102
100kΩ
1W
D101
UF 4007
C104
22nF
C103
10uF
50V
D103
1N4937
R104
10Ω
R202
330Ω
R201
1kΩ
R203
2kΩ
C202
100nF
R204
2kΩ
PC301
H11A817A
IC201
KA431
3
Vfb
Vcc
Drain
GND
6
140~375
VDC
INPUT
IC101
FSDx321
6,7,8
1
2
3
R103
10Ω
D102
1N4937
C102
47uF
50V
M Vcc
C301
2.2nF
Vstr
5
R101
680kΩ
1W
10W PC Auxiliary Power Circuit


Similar Part No. - FSDM0365RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
More results

Similar Description - FSDM0365RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com