Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G2R-1A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. G2R-1A
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G2R-1A Datasheet(HTML) 4 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
144
G2R
G2R
Double-winding Latching Relays
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C.
I Contact Ratings
PCB/Flux Protection, Plug-in, Quick-connect Terminal Relays
Note:
1. P level:
l
60 = 0.1 x 10
–6/operation
2. ( ): Bifurcated crossbar contact type.
PCB/Flux Protection Relays
Note:
P level:
l
60 = 0.1 x 10
–6/operation
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
Set coil
Rated current (see note 1.)
167 mA
138 mA
70.6 mA
34.6 mA
Coil resistance (see note 1.)
30
W
43.5
W
170
W
694
W
Coil inductance
(H) (ref. value)
Armature OFF
0.073
0.104
0.42
1.74
Armature ON
0.146
0.208
0.83
3.43
Reset coil
Rated current
119 mA
100 mA
50 mA
25 mA
Coil resistance
42
W
60
W
240
W
960
W
Coil inductance
(H) (ref. value)
Armature OFF
0.003
0.005
0.018
0.079
Armature ON
0.006
0.009
0.036
0.148
Must set voltage
70% max. of rated voltage
Must reset voltage
70% max. of rated voltage
Max. voltage
140% of rated voltage (at 23
•C)
Power consumption
Set coil: Approx. 850 mW; Reset coil: Approx. 600 mW
Item
General-purpose, quick-connect terminal
High-capacity
Number of poles
1 pole
2 poles
1 pole
Load
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Rated load
10 (1) A at 250 VAC;
10 (1) A at 30 VDC
7.5 A at 250
VAC;
5 A at 30 VDC
5 A at 250
VAC;
5 A at 30 VDC
2 A at 250 VAC;
3 A at 30 VDC
16 A at 250
VAC;
16 A at 30 VDC
8 A at 250 VAC;
8 A at 30 VDC
Rated carry current
10 (1) A
5 A
16 A
Max. switching voltage 380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current 10 (1) A
5 A
16 A
Max. switching power
2,500 (250) VA,
300 (30) W
1,875 VA,
150 W
1,250 VA,
150 W
500 VA,
90 W
4,000 VA,
480 W
2,000 VA,
240 W
Failure rate
(reference value)
100 mA at 5 VDC (1 mA at 5 VDC)
10 mA at 5 VDC
100 mA at 5 VDC
Item
Bifurcated contacts
High-sensitivity
Number of poles
1 pole
1 pole
2 poles
Load
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Rated load
5 A at 250 VAC;
5 A at 30 VDC
2 A at 250 VAC;
3 A at 30 VDC
5 A at 250 VAC;
5 A at 30 VDC
2 A at 250 VAC;
3 A at 30 VDC
3 A at 250 VAC;
3 A at 30 VDC
1 A at 250 VAC;
1.5 A at 30 VDC
Rated carry current
5 A
5 A
3 A
Max. switching voltage 380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current 5 A
5 A
3 A
Max. switching power
1,250 VA,
150 W
500 VA,
90 W
1,250 VA,
150 W
500 VA,
90 W
750 VA,
90 W
250 VA,
45 W
Failure rate
(reference value)
1 mA at 5 VDC
100 mA at 5 VDC
10 mA at 5 VDC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn