Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G2R-1A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. G2R-1A
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G2R-1A Datasheet(HTML) 3 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
143
G2R
G2R
Specifications
I Coil Ratings
Note:
1. Rated voltage of bifurcated crossbar contact type: 100/(110) VAC, 200/(220) VAC, 230 VAC (Approx. 0.7 VA at 60 Hz)
2. Depending on the type of Relay, some Relays do not have coil specifications. Contact your OMRON representative for more
details.
Note:
Rated voltage of bifurcated crossbar contact type: 12 VDC, 24 VDC
High-sensitivity Relays
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of +15%/–20% (AC rated current)
or ±10% (DC coil resistance).
2. LEDs are used for the built-in operation indicator. For models equipped with these indications, the VAC rated current must be
increased by approximately 1 mA; the VDC rated current, by approximately 4 mA.
3. Operating characteristics are measured at a coil temperature of 23°C.
Rated voltage
12 VAC
24 VAC
100/
(110) VAC
120 VAC
200/ (220)
VAC
220 VAC
230 VAC
240 VAC
Rated current
50 Hz
93 mA
46.5 mA
11 mA
9.3 mA
5.5 (4.0)
mA
5.1 mA
4.7 (3.7) mA
4.7 mA
60 Hz
75 mA
37.5 mA
9/
(10.6) mA
7.5 mA
4.5 (5.3)
mA
4.1 mA
3.8 (3.1) mA
3.8 mA
Coil resistance
65
W
260
W
4,600
W
6,500
W
20,200
(25,000)
W
25,000
W 26,850
(30,000)
W
30,000
W
Coil inductance
(H) (ref. value)
Armature OFF
0.19
0.81
13.34
21
51.3
57.5
62
65.5
Armature ON
0.39
1.55
26.84
42
102
117
124
131
Must operate voltage
80% max. of rated voltage
Must release voltage
30% min. of rated voltage
Max. voltage
140% of rated voltage (at 23
•C)
Power consumption
Approx. 0.9 VA at 60 Hz (approx. 0.7 VA at 60 Hz)
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
48 VDC
100 VDC
Rated current (50/60 Hz)
106 mA
88.2 mA
43.6 mA
21.8 mA
11.5 mA
5.3 mA
Coil resistance
47
W
68
W
275
W
1,100
W
4,170
W
18,860
W
Coil inductance
(H) (ref. value)
Armature OFF
0.20
0.28
1.15
4.27
13.86
67.2
Armature ON
0.39
0.55
2.29
8.55
27.71
93.2
Must operate voltage
70% max. of rated voltage
Must release voltage
15% min. of rated voltage
Max. voltage
170% of rated voltage (at 23
•C)
Power consumption
Approx. 0.53 W
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
48 VDC
Rated current (50/60 Hz)
(see note 1.)
71.4 mA
60 mA
30 mA
15 mA
7.5 mA
Coil resistance (see note 1.)
70
W
100
W
400
W
1,600
W
6,400
W
Coil inductance
(H) (ref. value)
Armature OFF
0.37
0.53
2.14
7.80
31.20
Armature ON
0.75
1.07
4.27
15.60
62.40
Must operate voltage
70% max. of rated voltage
Must release voltage
15% min. of rated voltage
Max. voltage
170% of rated voltage (at 23
•C)
Power consumption
Approx. 0.36 W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn